Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP8712GL Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP8712GL
Description  High-Efficiency, 12A, 3V-18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP8712GL Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP8712GL Datasheet HTML 1Page - Monolithic Power Systems MP8712GL Datasheet HTML 2Page - Monolithic Power Systems MP8712GL Datasheet HTML 3Page - Monolithic Power Systems MP8712GL Datasheet HTML 4Page - Monolithic Power Systems MP8712GL Datasheet HTML 5Page - Monolithic Power Systems MP8712GL Datasheet HTML 6Page - Monolithic Power Systems MP8712GL Datasheet HTML 7Page - Monolithic Power Systems MP8712GL Datasheet HTML 8Page - Monolithic Power Systems MP8712GL Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 26 page
background image
MP8712
High-Efficiency, 12A, 3V-18V,
Synchronous Step-Down Converter with
Power Good, External Soft Start and OVP
MP8712 Rev.1.01
www.MonolithicPower.com
1
3/28/2017
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2017 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP8712 is a high-frequency, synchronous,
rectified, step-down, switch-mode converter.
The MP8712 offers a fully integrated solution
that achieves 12A of continuous and 15A of
peak output current with excellent load and line
regulation over a wide input supply range.
Constant-on-time
(COT)
control
operation
provides fast transient response. An open-drain
power good pin (PG) indicates that the output
voltage is in the nominal range. Full protection
features include over-voltage protection (OVP),
over-current protection (OCP), and thermal
shutdown.
The MP8712 is available in a QFN-14
(3mmx4mm) package.
FEATURES
 Wide 3V to 18V Operating Input Range
 12A Continuous/15A Peak Output Current
 1% Internal Reference Accuracy
 Output Adjustable from 0.6V
 15mΩ High-Side, 4.5mΩ Low-Side RDS(ON)
for Internal Power MOSFETs
 500kHz Switching Frequency
 External Soft Start (SS)
 Open-Drain Power Good (PG) Indication
 Output Over-Voltage Protection (OVP)
 Hiccup Over-Current Protection (OCP)
 Thermal Shutdown
 Available
in
a
QFN-14
(3mmx4mm)
Package
APPLICATIONS
 Solid-State Drives (SSD)
 Flat-Panel Televisions and Monitors
 Set-Top Boxes
 Distributed Power Systems
All MPS parts are lead-free, halogen-free, and adhere to the RoHS
directive. For MPS green status, please visit the MPS website under Quality
Assurance. “MPS” and “The Future of Analog IC Technology” are registered
trademarks of Monolithic Power Systems, Inc.
TYPICAL APPLICATION
OUTPUT CURRENT (A)
0.1
1
10
60
64
68
72
76
80
84
88
92
96
100
VIN=12V
VIN=4.5V
VIN=18V


Similar Part No. - MP8712GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP8712GL MPS-MP8712GL Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
MP8712GL MPS-MP8712GL Datasheet
1Mb / 27P
High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
3/19/2021 Rev. 1.2
MP8712GL-P MPS-MP8712GL-P Datasheet
1Mb / 27P
High-Efficiency, 12A, 3V to 18V, Synchronous Step-Down Converter with Power Good, External Soft Start and OVP
3/19/2021 Rev. 1.2
More results

Similar Description - MP8712GL

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP2229 MPS-MP2229 Datasheet
2Mb / 22P
High Efficiency 21V, 6A Synchronous Step-Down Converter with External Sync, Low-Power Mode, and External Soft-Start
MP8714 MPS-MP8714 Datasheet
788Kb / 20P
High-Efficiency, 10A, 17V, Synchronous, Step-Down Converter With External Soft Start and Power Good
MPQ8632D-6 MPS-MPQ8632D-6 Datasheet
2Mb / 23P
High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
MP8763 MPS-MP8763 Datasheet
1Mb / 24P
High Efficiency, 12A, 18V, Synchronous, Step-Down Converter
MP8763D MPS-MP8763D Datasheet
970Kb / 25P
High Efficiency, 12A, 18V Synchronous Step-down Converter With Output Discharge
EV8712-L-00A MPS-EV8712-L-00A Datasheet
624Kb / 9P
High Efficiency,12A,18V, Synchronous Step-Down Converter
EV8763D-L-00A MPS-EV8763D-L-00A Datasheet
420Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
EV8764GLE-L-00A MPS-EV8764GLE-L-00A Datasheet
446Kb / 8P
High Efficiency, 12A, 18V Synchronous Step-down Converter Evaluation Board
MP8774 MPS-MP8774 Datasheet
1Mb / 24P
12A, Wide Input 3V-18V, 700kHz Synchronous Step-Down Converter with PG and External Soft Start in 3x3mm QFN package
MP8869W MPS-MP8869W_V01 Datasheet
66Kb / 1P
High-Efficiency, 12A, 18V, Synchronous Step-Down Converter with I2C Interface
Rev.0.8 4/25/2016
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com