Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LB543C Datasheet(PDF) 10 Page - OSRAM GmbH

Part # LB543C
Description  colorless, clear 5 mm package
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LB543C Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button LB543C Datasheet HTML 6Page - OSRAM GmbH LB543C Datasheet HTML 7Page - OSRAM GmbH LB543C Datasheet HTML 8Page - OSRAM GmbH LB543C Datasheet HTML 9Page - OSRAM GmbH LB543C Datasheet HTML 10Page - OSRAM GmbH LB543C Datasheet HTML 11Page - OSRAM GmbH LB543C Datasheet HTML 12Page - OSRAM GmbH LB543C Datasheet HTML 13Page - OSRAM GmbH LB543C Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
LB 543C, LV 543C, LT 543C
2009-10-20
10
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
Maximal zulässiger Durchlassstrom
Max. Permissible Forward Current
I
F = f (T)
OHL01295
0
0
20
40
60
80 ˚C 100
T
I
F
5
10
15
20
25
30
mA
temp. solder point
S
T
T
OHL00452
A
0
F
Ι
020
40
60
80 C 100
mA
5
10
15
20
25
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com