Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LWC9SP Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LWC9SP
Description  SMD ceramic package with silicon resin
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LWC9SP Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LWC9SP Datasheet HTML 3Page - OSRAM GmbH LWC9SP Datasheet HTML 4Page - OSRAM GmbH LWC9SP Datasheet HTML 5Page - OSRAM GmbH LWC9SP Datasheet HTML 6Page - OSRAM GmbH LWC9SP Datasheet HTML 7Page - OSRAM GmbH LWC9SP Datasheet HTML 8Page - OSRAM GmbH LWC9SP Datasheet HTML 9Page - OSRAM GmbH LWC9SP Datasheet HTML 10Page - OSRAM GmbH LWC9SP Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 18 page
background image
released
LW C9SP
2008-07-21
7
Operation conditions
I
F
[mA]
V
F
2)page 18
[V]
Flash Duration
(T
a = 25°C)
[ms]
Flash Interval
[s]
typ.
max.
350
3.2
3.7
DC
-
500
3.4
4.0
DC
-
700
3.6
4.3
500
3
1000
3.8
4.8
300
3
Illuminance - Flash operation
I
F
[mA]
IV (typ.)
2)page 18
[cd]
Phiv (typ.)
[lm]
350
12.0
41.0
500
15.0
50.0
700
18.0
59.0
1000
22.0
68.0
Exemplary median Lifetime
2) page 18
for Strobe Applications
Conditions
median Lifetime
Unit
500 mA
D = 0.1
t
pulse = 0.3 s
T
A = 25°C
>30.000
Flashes



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com