Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPQ8632DGLE-12 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPQ8632DGLE-12
Description  High Efficiency, 6A/12A, 18V Synchronous Step-down Converter
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPQ8632DGLE-12 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPQ8632DGLE-12 Datasheet HTML 15Page - Monolithic Power Systems MPQ8632DGLE-12 Datasheet HTML 16Page - Monolithic Power Systems MPQ8632DGLE-12 Datasheet HTML 17Page - Monolithic Power Systems MPQ8632DGLE-12 Datasheet HTML 18Page - Monolithic Power Systems MPQ8632DGLE-12 Datasheet HTML 19Page - Monolithic Power Systems MPQ8632DGLE-12 Datasheet HTML 20Page - Monolithic Power Systems MPQ8632DGLE-12 Datasheet HTML 21Page - Monolithic Power Systems MPQ8632DGLE-12 Datasheet HTML 22Page - Monolithic Power Systems MPQ8632DGLE-12 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MPQ8632D-6, MPQ8632D-12 ― 6A/12A, 18V, SYNCHRONOUS STEP-DOWN CONVERTER
MPQ8632D-6_MPQ8632D-12 Rev. 1.01
www.MonolithicPower.com
21
3/9/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
)
V
V
1
(
I
F
V
L
IN
OUT
L
SW
OUT
−
×
Δ
×
=
(27)
Where ΔIL is the peak-to-peak inductor ripple
current.
Choose an inductor that will not saturate under
the maximum inductor peak current. The peak
inductor current can be calculated as:
)
V
V
1
(
L
F
2
V
I
I
IN
OUT
SW
OUT
OUT
LP
−
×
×
×
+
=
(28)
Table 1 lists a few highly-recommended high-
efficiency inductors.
Table 1—Inductor Selection Guide
Part Number
Manufacturer
Inductance
(µH)
DCR
(mΩ)
Current
Rating (A)
Dimensions
L x W x H (mm
3)
Switching
Frequency
(kHz)
744325072
Wurth
0.72
1.35
35
10.2 x 10.5 x 4.7
500
FDU1250C-1R0M
TOKO
1
1.72
31.3
13.3 x 12.1 x 5
500
FDA1055-1R5M
TOKO
1.5
2.8
24
11.6 x 10.8 x 5.5
500
744325180
Wurth
1.8
3.5
18
10.2 x 10.5 x 4.7
500
FDA1055-2R2M
TOKO
2.2
3.94
20.6
11.6 x 10.8 x 5.5
500
FDA1055-3R3M
TOKO
3.3
5.92
15.6
11.6 x 10.8 x 5.5
500
HC7-3R9-R
Cooper
3.9
7.9
10.6
13.8 x 13 x 5.5
500
Typical Design Parameter Tables
The following tables include recommended
component values for typical output voltages (1V,
2.5V, 3.3V) and switching frequency (500kHz).
Refer to Tables 2-3 for design cases without
external ramp compensation and Tables 4-5 for
design cases with external ramp compensation.
An external ramp is not needed when using high-
ESR
capacitors,
such
as
electrolytic
or
POSCAPs. Use an external ramp when using
low-ESR capacitors, such as ceramic capacitors.
For cases not listed in this datasheet, an excel
spreadsheet
provided
by
local
sales
representatives can assist with the calculations.
Table 2—MPQ8632D-6, FSW=500kHz, VIN=12V
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1
1
13.3
20
357
2.5
2.2
63.4
20
887
3.3
3.3
91
20
1200
Table 3—MPQ8632D-12, FSW=500kHz, VIN=12V
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R7
(kΩ)
1
0.72
13.3
20
357
2.5
1.5
63.4
20
887
3.3
1.8
91
20
1200
Table 4—MPQ8632D-6, FSW=500kHz, VIN=12V
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
R7
(kΩ)
1
1
13.7
20
750
220
357
2.5
2.2
66.5
20
1000
220
887
3.3
3.3
95.3
20
1200
220
1200
Table 5—MPQ8632D-12, FSW=500kHz, VIN=12V
VOUT
(V)
L
(μH)
R1
(kΩ)
R2
(kΩ)
R4
(kΩ)
C4
(pF)
R7
(kΩ)
1
0.72
13.7
20
750
220
357
2.5
1.5
66.5
20
1000
220
887
3.3
1.8
95.3
20
1200
220
1200



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com