Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

13FPR080E Datasheet(PDF) 2 Page - Ohmite Mfg. Co.

Part # 13FPR080E
Description  Axial Wire Element Current Sense Two Terminal Axial
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OHMITE [Ohmite Mfg. Co.]
Direct Link  http://www.ohmite.com
Logo OHMITE - Ohmite Mfg. Co.

13FPR080E Datasheet(HTML) 2 Page - Ohmite Mfg. Co.

  13FPR080E Datasheet HTML 1Page - Ohmite Mfg. Co. 13FPR080E Datasheet HTML 2Page - Ohmite Mfg. Co.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1-866-9-OHMITE • Int’l 1-847-258-0300 • Fax 1-847-574-7522 • www.ohmite.com • info@ohmite.com
45
L +.015 /
+0.4
D +.015 /
+0.4
A (min.)
B ±.010 /
±0.03
0.032 ±.002
0.81±.05
(20 AWG)
Series Wattage
Ohms
13
3
0.005-0.1
14
4.5
0.005-0.1
17
7
0.005-0.1
Series
Wattage
Length
Diam.
A
B
13
3
0.625/15.9
0.200/5.08
1.25/31.8
0.125/3.18
14
4.5
1.060/26.9
0.335/8.51
1.50/38.1
0.200/5.08
17
7
1.500/38.1
0.375/9.53
1.50/38.1
0.200/5.08
Terminals Tinned Copper Leads
Encapsulation Silicone Molding Compound
Derating Linearly from 100% at +25˚C to 0% at
+200˚C
Resistance Range 0.005Ω to 0.100Ω standard
Standard Tolerance ±1%; others available
Operating Temp. Range -55˚C to +200˚C
Temperature Coefficient
of Resistance
(0˚C to 85˚C) ≥0.015Ω: ±50 PPM/˚C;
<0.015Ω: ±100 PPM/˚C
Environmental
Performance
Exceeds the requirements of MIL-
PRF-49465
Power rating Based on 25˚C free air rating.
Overload 5 times rated wattage for 5 seconds
Max. Current 22 amps
Dialectric withstanding
voltage
1500 VAC for 4.5 and 7 watt; 1000
VAC for 3 watt
Insulation resistance Not less than 1000 MΩ
Thermal EMF Less than ±2µV/˚C
Ohmite’sFour-terminalCurrent-senseResistorsare
specificallydesignedforlow-resistanceapplications
requiringthehighestaccuracyandtemperature
stability.Thisfour-terminalversionofOhmite’s10
Seriesresistorisspeciallydesignedforuseina
Kelvinconfiguration,inwhichacurrentisapplied
throughtwooppositeterminalsandsensingvoltage
ismeasuredacrosstheothertwoterminals.
TheKelvinconfigurationenablestheresistance
andtemperaturecoefficientoftheterminalstobe
effectivelyeliminated.Thefourterminaldesign
alsoresultsinalowertemperaturecoefficientof
resistanceandlowerself-heatingdriftwhichmaybe
experiencedontwo-terminalresistors.Therequire-
menttoconnecttotheterminalsatprecisetest
pointsiseliminated,allowingfortightertolerancing
ontheendapplication.
Chara C teri S ti CS
Serie S S pe C i F i C ation S
Dimen S ion S
10 Series
Axial Wire Element Current Sense
Four Terminal Axial
Fea ture S
•Ideal for current sensing applications
•1% Tolerance standard, others available
•Low Inductance (non-inductive below 0.25Ω)
•Tinned Copper Leads
•RoHS Compliant
or D erin G in F ormation
� � � � � � � � �
Ohm Value
Example:
R050= 0.05�
Tolerance
F = 1%
D= 0.5%
10 Series
Wattage
Terminals
Blank = 2 terminals
P
= 4 terminals
RoHS Compliant
Standard part numbers
Ohmic
value
3 watt
4.5 watt
7 watt
0.005 13FPR005E 14FPR005E 17FPR005E
0.010 13FPR010E 14FPR010E 17FPR010E
0.015 13FPR015E 14FPR015E 17FPR015E
0.020 13FPR020E 14FPR020E 17FPR020E
0.025 13FPR025E 14FPR025E 17FPR025E
0.030 13FPR030E 14FPR030E 17FPR030E
0.040 13FPR040E 14FPR040E 17FPR040E
0.050 13FPR050E 14FPR050E 17FPR050E
0.060 13FPR060E 14FPR060E 17FPR060E
0.070 13FPR070E 14FPR070E 17FPR070E
0.075 13FPR075E 14FPR075E 17FPR075E
0.080 13FPR080E 14FPR080E 17FPR080E
0.090 13FPR090E 14FPR090E 17FPR090E
0.100 13FPR100E 14FPR100E 17FPR100E



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com