Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IRFS41N15DPbF Datasheet(PDF) 6 Page - Infineon Technologies AG

Part # IRFS41N15DPbF
Description  High frequency DC-DC converters
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IRFS41N15DPbF Datasheet(HTML) 6 Page - Infineon Technologies AG

Back Button IRFS41N15DPbF Datasheet HTML 2Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 3Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 4Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 5Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 6Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 7Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 8Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 9Page - Infineon Technologies AG IRFS41N15DPbF Datasheet HTML 10Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
 
IRFB/IB/S/SL41N15DPbF
6
2017-04-27
 
Fig 12a. Unclamped Inductive Test Circuit
Fig 12b. Unclamped Inductive Waveforms
RG
IAS
0.01
tp
D.U.T
L
VDS
+
- VDD
DRIVER
A
15V
20V
tp
V(BR)DSS
IAS
Fig 13b. Gate Charge Test Circuit
Fig 13a. Gate Charge Waveform
25
50
75
100
125
150
175
0
200
400
600
800
1000
1200
Starting T , Junction Temperature
( C)
J
°
ID
TOP
BOTTOM
10A
21A
25A
Fig 12c. Maximum Avalanche Energy
vs. Drain Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com