Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MPM3610 Datasheet(PDF) 21 Page - Monolithic Power Systems

Part # MPM3610
Description  21V Input, 1.2A Module Synchronous Step-Down Converter with Integrated Inductor
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MPM3610 Datasheet(HTML) 21 Page - Monolithic Power Systems

Back Button MPM3610 Datasheet HTML 15Page - Monolithic Power Systems MPM3610 Datasheet HTML 16Page - Monolithic Power Systems MPM3610 Datasheet HTML 17Page - Monolithic Power Systems MPM3610 Datasheet HTML 18Page - Monolithic Power Systems MPM3610 Datasheet HTML 19Page - Monolithic Power Systems MPM3610 Datasheet HTML 20Page - Monolithic Power Systems MPM3610 Datasheet HTML 21Page - Monolithic Power Systems MPM3610 Datasheet HTML 22Page - Monolithic Power Systems MPM3610 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
MPM3610 – SYNCHRONOUS STEP-DOWN MODULE WITH INTEGRATED INDUCTOR
MPM3610 Rev. 1.01
www.MonolithicPower.com
21
1/7/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS (continued)
Figure 14. VOUT=1.8V, IOUT=1.2A
Figure 15. VOUT=1.5V, IOUT=1.2A
Figure 16. VOUT=1.2V, IOUT=1.2A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com