Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FA-XX-S-R-0 Datasheet(PDF) 1 Page - Lightel Technologies INC.

Part # FA-XX-S-R-0
Description  Fixed Attenuator with Fiber Pigtail
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LIGHTEL [Lightel Technologies INC.]
Direct Link  http://lightel.com/
Logo LIGHTEL - Lightel Technologies INC.

FA-XX-S-R-0 Datasheet(HTML) 1 Page - Lightel Technologies INC.

  FA-XX-S-R-0 Datasheet HTML 1Page - Lightel Technologies INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
2210 Lind Ave SW, Suite 100 Renton, WA 98057 USA
sales@lightel.com
(425) 277-8000 ph (425) 277-5280 fax
www.lightel.com
Parameter
Specification
Center Wavelength
1310 nm & 1550 nm
Bandwidth
± 40 nm
Attenuation Range
1-30 dB
Attenuation Tolerance
± 10%
Return Loss
≥ 50 dB
Fiber Type
SMF 28e
Operating Temperature
- 40° C ~ + 85° C
Storage Temperature
- 40° C ~ + 85° C
Package Dimensions
Light Duty ( B )
3.0 mm (Ф) x 55 mm (L)
Medium Duty ( L )
3.0 mm (Ф) x 60 mm (L)
Heavy Duty ( K, R )
100.0 mm x 12.0 mm x 8.0 mm
Note1: All values specified are without connectors.
Note2: Higher performance specifications available upon request.
Ordering Information
F A
–
–
–
–
Attenuation
Pigtail Length
Pigtail Style
Connector
XX: xx dB
1: 1 meter
(=Package style)
0: None
7: LC/UPC
03: 3 dB
2: 2 meter
B: bare fiber
1: FC/PC
8: LC/SPC
10: 10 dB
S: Special
L: 900 m loose tube
2: FC/APC
9: Special
K: 2mm cable
3: SC/ PC
A: FC/UPC
R: 3mm cable
4: SC/APC
B: SC/UPC
5: FC/SPC
C: ST
6: SC/SPC
Attenuator
Fixed Attenuator with Fiber Pigtail
Specifications


Similar Part No. - FA-XX-S-R-0

ManufacturerPart #DatasheetDescription
logo
Lightel Technologies IN...
FA-XX-SC-APC LIGHTEL-FA-XX-SC-APC Datasheet
143Kb / 1P
Single Mode Pluggable Fixed Attenuator
FA-XX-SC-UPC LIGHTEL-FA-XX-SC-UPC Datasheet
143Kb / 1P
Single Mode Pluggable Fixed Attenuator
More results

Similar Description - FA-XX-S-R-0

ManufacturerPart #DatasheetDescription
logo
JFW Industries, Inc.
50FHC-XXX-25 JFW-50FHC-XXX-25 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50FH-XXX-5 JFW-50FH-XXX-5 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50HFAH-XXX JFW-50HFAH-XXX Datasheet
29Kb / 2P
FIXED ATTENUATOR
50HFAR-XXX JFW-50HFAR-XXX Datasheet
26Kb / 1P
FIXED ATTENUATOR
50HF-XXX-25 JFW-50HF-XXX-25 Datasheet
27Kb / 1P
FIXED ATTENUATOR
50FHAO-XXX-100 JFW-50FHAO-XXX-100 Datasheet
26Kb / 1P
FIXED ATTENUATOR
50FHAO-XXX-150 JFW-50FHAO-XXX-150 Datasheet
26Kb / 1P
FIXED ATTENUATOR
50FH-XXX-300-2 JFW-50FH-XXX-300-2 Datasheet
26Kb / 1P
FIXED ATTENUATOR
75FHC-XXX-10 JFW-75FHC-XXX-10 Datasheet
26Kb / 1P
FIXED ATTENUATOR
75F-XXX-N JFW-75F-XXX-N Datasheet
26Kb / 1P
FIXED ATTENUATOR
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com