Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GW-T3LSF1.EM Datasheet(PDF) 5 Page - OSRAM GmbH

Part # GW-T3LSF1.EM
Description  Chip-on-Board
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GW-T3LSF1.EM Datasheet(HTML) 5 Page - OSRAM GmbH

  GW-T3LSF1.EM Datasheet HTML 1Page - OSRAM GmbH GW-T3LSF1.EM Datasheet HTML 2Page - OSRAM GmbH GW-T3LSF1.EM Datasheet HTML 3Page - OSRAM GmbH GW-T3LSF1.EM Datasheet HTML 4Page - OSRAM GmbH GW-T3LSF1.EM Datasheet HTML 5Page - OSRAM GmbH GW-T3LSF1.EM Datasheet HTML 6Page - OSRAM GmbH GW-T3LSF1.EM Datasheet HTML 7Page - OSRAM GmbH GW-T3LSF1.EM Datasheet HTML 8Page - OSRAM GmbH GW-T3LSF1.EM Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Version 1.4
GW T3LSF1.EM
2016-07-19
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups
Durchlassspannungsgruppen
Group
Luminous Flux 1) page 17
Luminous Flux 1) page 17
Luminous Intensity
3) page 17
Gruppe
Lichtstrom 1) Seite 17
Lichtstrom 1) Seite 17
Lichtstärke 3) Seite 17
(min.) Φ
V [lm]
(max.) Φ
V [lm]
(typ.) I
V [cd]
LQ
121
130
39.9
LR
130
140
43
LS
140
150
46.1
LT
150
164
50
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
1H
86.00
87.00
1J
87.00
88.00
1K
88.00
89.00
1L
89.00
90.00
1M
90.00
91.00
1N
91.00
92.00
1P
92.00
93.00
1Q
93.00
94.00
1R
94.00
95.00
1S
95.00
96.00



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com