Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP4060 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4060
Description  TRIAC Dimmable PFC, Primary Side Control LED Controller for 200-265VAC LEDs
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4060 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4060 Datasheet HTML 13Page - Monolithic Power Systems MP4060 Datasheet HTML 14Page - Monolithic Power Systems MP4060 Datasheet HTML 15Page - Monolithic Power Systems MP4060 Datasheet HTML 16Page - Monolithic Power Systems MP4060 Datasheet HTML 17Page - Monolithic Power Systems MP4060 Datasheet HTML 18Page - Monolithic Power Systems MP4060 Datasheet HTML 19Page - Monolithic Power Systems MP4060 Datasheet HTML 20Page - Monolithic Power Systems MP4060 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
MP4060—TRIAC Dimmable PFC, PSC LED Controller for 200-265VAC LEDs
MP4060 Rev. 1.0
www.MonolithicPower.com
17
5/27/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
Power-Factor Correction
MULT is connected to the tap of a resistor divider
from the rectified instantaneous line voltage,
driving a sinusoidal multiplier output. This signal
provides the reference for the current comparator,
which shapes the primary peak current into a
sinusoid and has the same phase with the input
line voltage. This guarantees a high power factor
(see Figure 4).
Inductor current
Multiplier output
Figure 4—Power-factor correction
The multiplier’s maximum output voltage to the
current comparator is clamped to VS_CLAMP_H to
limit the cycle-by-cycle current. The multiplier’s
minimum output voltage is clamped to VS_CLAMP_L
to ensure a turn-on signal during the TRIAC
dimming-off interval, which pulls down the
rectifier input voltage and accurately detects the
dimming phase.
VCC Timing Sequence
The VCC timing sequence is shown in Figure 5.
Initially, VCC is charged through the internal
charging circuit from the AC line. When VCC
reaches VCCH, the internal charging circuit stops
charging, the control logic initializes, and the
internal main MOSFET begins to switch. The
auxiliary winding takes over the power supply.
However, the initial auxiliary winding positive
voltage may not be large enough to charge VCC,
causing VCC to drop. Instead, if the VCC voltage
drops below the VCCL threshold, the internal
charging circuit triggers and charges VCC to
VCCH again. This cycle repeats until the auxiliary
winding voltage is high enough to power VCC
If any fault occurs during this time, the switching
and the internal charging circuit stop, and VCC
drops. When VCC drops below VCCEN, the
internal re-charge is enabled to auto-restart.
To simplify the power supply circuitry, an external
charging diode is applied between D (the source
of the external power MOSFET) and the VCC
capacitor (see Typical Application). D takes over
the VCC power supply at normal operation,
without an auxiliary winding. If any fault occurs,
the system re-starts after the input AC line
powers down/up again.
Figure 5—VCC timing sequence
Auto Start
The MP4060 contains an auto starter that starts
timing when the MOSFET turns off. If ZCD fails
to send a turn-on signal after tSTART, automatically
the starter sends a turn-on signal to avoid an
unnecessary shutdown.
Minimum off Time
The MP4060 operates with a variable switching
frequency. The frequency changes with the
instantaneous input BUS voltage. In order to limit
the maximum frequency and get good EMI
performance, the MP4060 employs an internal
minimum off-time limiter.
Leading-Edge Blanking
In order to avoid premature switching-pulse
termination due to the parasitic capacitances
discharging when the MOSFET turns on, an
internal leading-edge-blanking (LEB) time is
introduced on S. The current comparator blocks
the input path from S during the blanking time
(see Figure 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com