Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP5505A Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5505A
Description  7V, 4A, High-Efficiency Energy Storage and Management Unit
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5505A Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5505A Datasheet HTML 8Page - Monolithic Power Systems MP5505A Datasheet HTML 9Page - Monolithic Power Systems MP5505A Datasheet HTML 10Page - Monolithic Power Systems MP5505A Datasheet HTML 11Page - Monolithic Power Systems MP5505A Datasheet HTML 12Page - Monolithic Power Systems MP5505A Datasheet HTML 13Page - Monolithic Power Systems MP5505A Datasheet HTML 14Page - Monolithic Power Systems MP5505A Datasheet HTML 15Page - Monolithic Power Systems MP5505A Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 17 page
background image
MP5505A
– ENERGY STORAGE AND MANAGEMENT UNIT
MP5505A Rev. 1.1
www.MonolithicPower.com
12
12/13/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
APPLICATION INFORMATION
Selecting Input Capacitor and TVS
Capacitors at VIN are recommended to absorb
possible voltage spikes during input-power turn
on, input-switch hard off (during power off), or
other
special
conditions.
The
application
determines the capacitor. For example, if the
input-power
trace
is too
long
(with
higher
parasitic inductance) during the input-switch
hard-off period, more energy pumps into the
input. This means more input capacitors are
needed to ensure the input voltage spike stays in
a safe range. Use a 0.1uF (or larger) capacitor
based on the spike condition.
Keep inrush-current requirements in mind when
selecting an input capacitor. Typically, more input
capacitors result in a higher input-inrush current
during hot-plugging. A smaller input capacitor is
needed for a smaller inrush current. MP5505A
works normally with a very small input capacitor.
However, this leads to a possible high-voltage
spike. An efficient solution is to add a TVS diode
at the input to absorb the possible input-voltage
spike. At the same time, keep the inrush current
small during hot-plugging. A typical TVS diode,
like SMA6J5.0A, is recommended.
Setting the Storage Voltage
Set the storage voltage by choosing the external
feedback resistors R11 and R12 shown in Figure
5.
Figure 5. Storage Feedback Circuit
The storage voltage is determined by:
STORAGE
FBS
R11
V
(1
) V
R12
 
Where VFBS is 0.79V, typically. R11 and R12 are
not critical for normal operation. Select R11 and
R12
higher than 10kΩ to account for the bleed
current. For example, if R12 is 14k
Ω, R11 is then:
STORAGE
FBS
FBS
14k
(V
V
)
R11
V

For a 12V storage voltage, R11 is 200k
Ω.
Table 1 lists the recommended resistors for
different storage voltages.
Table 1. Resistor Pairs for VSTORAGE
VSTORAGE(V)
R11 (k
Ω)
R12 (k
Ω)
8
127
14
12
200
14
20
340
14
Select Release Voltage and VBus Capacitors
Select the release voltage by choosing the
external feedback resistors R1 and R2 (see
Figure 6).
Similarly, the release voltage is:
RELEASE
FBB
R1
V
(1
) V
R2
 
VFBB is 0.79V, typically. However, R1 and R2 not
only determine the release voltage, but also
affect stability. Since the release-buck mode
works in COT mode, avoid small resistor values
to ensure a sufficient voltage ramp. Generally,
choose R1//R2
≥20kΩ for stable performance with
CB=22μF. Table 2 lists the recommended resistor
values for different release voltages.
Figure 6. Release Feedback Circuit
Table 2. Resistor Pairs for VRELEASE
VRELEASE (V)
R1 (k
Ω)
R2 (k
Ω)
4.2
105
24.3
2.9
107
40.2
Selecting the Storage Capacitor
The storage capacitor stores energy during
normal operation and releases this energy to VB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com