Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP5507E Datasheet(PDF) 12 Page - Monolithic Power Systems

Part # MP5507E
Description  7V, 3A, High-Efficiency, Energy Management IC for Power Backup
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP5507E Datasheet(HTML) 12 Page - Monolithic Power Systems

Back Button MP5507E Datasheet HTML 8Page - Monolithic Power Systems MP5507E Datasheet HTML 9Page - Monolithic Power Systems MP5507E Datasheet HTML 10Page - Monolithic Power Systems MP5507E Datasheet HTML 11Page - Monolithic Power Systems MP5507E Datasheet HTML 12Page - Monolithic Power Systems MP5507E Datasheet HTML 13Page - Monolithic Power Systems MP5507E Datasheet HTML 14Page - Monolithic Power Systems MP5507E Datasheet HTML 15Page - Monolithic Power Systems MP5507E Datasheet HTML 16Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 18 page
background image
MP5507E
– 7V, 3A, ENERGY STORAGE AND MANAGEMENT UNIT
MP5507E Rev. 1.0
www.MonolithicPower.com
12
6/29/2016
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2016 MPS. All Rights Reserved.
Storage Voltage
After the storage voltage charges up, the internal
boost converter regulates it to the regulated
voltage automatically. The MP5507E uses burst
mode to minimize the
converter’s power loss.
When the storage voltage drops below the set
voltage, burst mode is initiated and charges the
storage capacitor. During the burst period, the
current limit and the low-side MOSFET (LS-FET)
control the switching. When the LS-FET turns on,
then the inductor current increases until it
reaches the current limit (about 500mA). After
reaching the current limit, the LS-FET turns off
for the set minimum off time. At the end of this
minimum off time, if the feedback voltage
remains below the 0.79V internal reference, the
LS-FET
turns
on
again.
Otherwise,
the
MP5507E waits until the voltage drops below the
threshold before turning on the LS-FET. During
boost mode, the HS-FET is turned off, and the
body diode of the HS-FET conducts the current.
Release
The MP5507E monitors the input voltage and
bus voltage continuously. Once the bus voltage
drops below the release voltage (mostly due to
the input voltage outage), the internal boost
converter stops charging and works in buck-
release mode. In buck mode, the part transfers
energy from the high-voltage storage capacitor
to the low-voltage bus capacitor. Determine the
release voltage by selecting resistor values for
the bus resistor divider.
VB Release
Regulated Voltage
VB
PGB
VSTRG
Figure 4: Release Times
The released buck applies the fixed-frequency
constant-on-time (COT) control and enables a
fast transition between the charge and release
modes. The buck converter works at 100% duty
cycle
until
the
storage
capacitor
voltage
approaches the bus voltage. Then the storage
and VB voltages drop until they reach the
DC/
DC converter’s UVLO threshold (see Figure
4).
Input Current Limit Switch
The input current limit switch controls the input
inrush current of the internal hot-swap MOSFET
to prevent an inrush current from the input to
the VB capacitor. A capacitor connected to
DVDT sets the VB rising soft-start time. Despite
the soft-start process, ILIM can limit the steady-
state current. Connect a resistor between ILIM
and GND to set the current limit.
Reverse-Current Protection
The
hot-swap
circuit
uses
reverse-current
protection to prevent the storage energy from
transferring back to the input when energy is
released from the storage capacitors to the bus.
The hot-swap MOSFET turns on when the input
voltage exceeds the VIN UVLO threshold
during start-up or when the input voltage is
about 0.2V higher than the VB voltage during
VIN power recovery. The hot-swap MOSFET
turns off when the input voltage falls below the
VB voltage during release or when PGB drops.
DVDT
Connect a capacitor across DVDT to program
the soft-start time. Depending on the system
inrush current requirement, different DVDT
capacitors can be selected to program the
inrush current during system start-up.
VIN-to-VB Switch Off Control (DISC)
When DISC is pulled low, the VIN-to-VB
MOSFET switches off directly. If ENCH is high,
the MP5507E enters buck mode once VB drops
to the VB regulation threshold (see Figure 5).
The VIN-to-VB switch cannot turn on until DISC
is high. Pull DISC up to VIN through a 100k
resistor for automatic start-up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com