Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MMSZ2V4 Datasheet(PDF) 2 Page - SUNMATE electronic Co., LTD

Part # MMSZ2V4
Description  SURFACE MOUNT SILICON ZENER DIODES
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD

MMSZ2V4 Datasheet(HTML) 2 Page - SUNMATE electronic Co., LTD

  MMSZ2V4 Datasheet HTML 1Page - SUNMATE electronic Co., LTD MMSZ2V4 Datasheet HTML 2Page - SUNMATE electronic Co., LTD MMSZ2V4 Datasheet HTML 3Page - SUNMATE electronic Co., LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
ELECTRICAL CHARACTERISTICS (Ta = 25 °C unless otherwise note, V
F = 0.9 Vmax. @ IF = 10 mA)
ZZT1
(3)
ZZT2
(3)
Max. Reverse
@ IZT1 =
@ IZT2 =
Leakage
5 mA
1 mA
Current
Min
Nom
Max
Min
Max
(μA)
(V)
2.28
2.4
2.52
100
1.7
2.1
600
50
1.0
2.57
2.7
2.84
100
1.9
2.4
600
20
1.0
2.85
3.0
3.15
95
2.1
2.7
600
10
1.0
3.14
3.3
3.47
95
2.3
2.9
600
5.0
1.0
3.42
3.6
3.78
90
2.7
3.3
600
5.0
1.0
3.71
3.9
4.10
90
2.9
3.5
600
3.0
1.0
4.09
4.3
4.52
90
3.3
4.0
600
3.0
1.0
4.47
4.7
4.94
80
3.7
4.7
500
3.0
2.0
4.85
5.1
5.36
60
4.2
5.3
480
2.0
2.0
5.32
5.6
5.88
40
4.8
6.0
400
1.0
2.0
5.89
6.2
6.51
10
5.6
6.6
150
3.0
4.0
6.46
6.8
7.14
15
6.3
7.2
80
2.0
4.0
7.13
7.5
7.88
15
6.9
7.9
80
1.0
5.0
7.79
8.2
8.61
15
7.6
8.7
80
0.7
5.0
8.65
9.1
9.56
15
8.4
9.6
100
0.5
6.0
9.50
10
10.50
20
9.3
10.6
150
0.2
7.0
10.45
11
11.55
20
10.2
11.6
150
0.1
8.0
11.40
12
12.60
25
11.2
12.7
150
0.1
8.0
12.35
13
13.65
30
12.3
14.0
170
0.1
8.0
14.25
15
15.75
30
13.7
15.5
200
0.05
10.5
15.20
16
16.80
40
15.2
17.0
200
0.05
11.2
17.10
18
18.90
45
16.7
19.0
225
0.05
12.6
19.00
20
21.00
55
18.7
21.1
225
0.05
14.0
20.90
22
23.10
55
20.7
23.2
250
0.05
15.4
22.80
24
25.20
70
22.7
25.5
250
0.05
16.8
Notes :
(1) The type number shown have a standard tolerance of ±5% on the nominal Zener Voltage.
(2) Tolerance and Voltage Designation: Zener Voltage (VZ) is measured with the Zener Current applied for PW = 1ms.
(3) ZZT and ZZK are measured by dividing the AC voltage drop across the device by the AC current applied.
The specified limits are for IZ(AC)=0.1IZ(DC), with the AC frequency = 1 kHz.
VZ1
(1, 2)
VZ2
(1, 2)
(Ω)
IR @ VR
@ IZT1 = 5 mA
@ IZT2 = 1 mA
(V)
(Ω)
(V)
2 of 3
www.sunmate.tw
TYPE
MMSZ2V4
MMSZ2V7
MMSZ3V0
MMSZ3V3
MMSZ3V6
MMSZ3V9
MMSZ4V3
MMSZ4V7
MMSZ5V1
MMSZ5V6
MMSZ6V2
MMSZ6V8
MMSZ7V5
MMSZ8V2
MMSZ9V1
MMSZ10
MMSZ11
MMSZ12
MMSZ13
MMSZ15
MMSZ16
MMSZ18
MMSZ20
MMSZ22
MMSZ24



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com