Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MTA035P02Q8 Datasheet(PDF) 1 Page - Cystech Electonics Corp.

Part # MTA035P02Q8
Description  P-Channel Enhancement Mode Power MOSFET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYSTEKEC [Cystech Electonics Corp.]
Direct Link  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTA035P02Q8 Datasheet(HTML) 1 Page - Cystech Electonics Corp.

  MTA035P02Q8 Datasheet HTML 1Page - Cystech Electonics Corp. MTA035P02Q8 Datasheet HTML 2Page - Cystech Electonics Corp. MTA035P02Q8 Datasheet HTML 3Page - Cystech Electonics Corp. MTA035P02Q8 Datasheet HTML 4Page - Cystech Electonics Corp. MTA035P02Q8 Datasheet HTML 5Page - Cystech Electonics Corp. MTA035P02Q8 Datasheet HTML 6Page - Cystech Electonics Corp. MTA035P02Q8 Datasheet HTML 7Page - Cystech Electonics Corp. MTA035P02Q8 Datasheet HTML 8Page - Cystech Electonics Corp. MTA035P02Q8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C566Q8
Issued Date : 2018.03.07
Revised Date :
Page No. : 1/9
MTA035P02Q8
CYStek Product Specification
P-Channel Enhancement Mode Power MOSFET
MTA035P02Q8
Features
• Simple drive requirement
• Low on-resistance
• Fast switching characteristic
• Pb-free & halogen-free package
Symbol
Outline
Ordering Information
Device
Package
Shipping
MTA035P02Q8-0-T3-G
SOP-8
(RoHS compliant & Halogen-free package)
2500 pcs / Tape & Reel
MTA035P02Q8
SOP-8
G:Gate D:Drain S:Source
Pin 1
BVDSS
-20V
ID @ TA=25°C, VGS=-4.5V
-7.9A
RDS(ON)@VGS=-4.5V, ID=-7.6A 27.5 mΩ(typ)
RDS(ON)@VGS=-2.5V, ID=-6A
34.0 mΩ(typ)
Environment friendly grade : S for RoHS compliant products, G for RoHS compliant
and green compound products
Packing spec, T3 : 2500 pcs / tape & reel, 13” reel
Product rank, zero for no rank products
Product name
S
S
S
G
D
D
D
D


Similar Part No. - MTA035P02Q8

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
MTA001M SHINDENGEN-MTA001M Datasheet
397Kb / 2P
High Output Interface Driver ICs
MTA001M SHINDENGEN-MTA001M_17 Datasheet
199Kb / 4P
Wired Drive for Printer, Electrical Cash Resistor, Time Recorder
MTA002 SHINDENGEN-MTA002 Datasheet
398Kb / 2P
High Output Interface Driver ICs
MTA002 SHINDENGEN-MTA002_17 Datasheet
199Kb / 4P
Built-in 9-Circuits (Quasi PNP Darlington Output)
logo
Cystech Electonics Corp...
MTA010N01SN3 CYSTEKEC-MTA010N01SN3 Datasheet
469Kb / 9P
14V N-Channel Enhancement Mode MOSFET
More results

Similar Description - MTA035P02Q8

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com