Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB3216-310 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MB3216-310
Description  MB3216 SHAPES AND DIMENSIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MB3216-310 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MB3216-310 Datasheet HTML 1Page - List of Unclassifed Manufacturers MB3216-310 Datasheet HTML 2Page - List of Unclassifed Manufacturers MB3216-310 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Coilmaster
Coilmaster Electronics Co., Ltd.
E-mail :info@coilmaster.com.tw
9F-1 No.398, Huan Bei Rd. Chung Li City, Taoyuan 320, Taiwan
Web Site : www.coilmaster.com.tw
Tel : +886-3-422-8279
Fax : +886-3-422-8734
MB3216 SERIES
PART NUMBERING SYSTEM
M B
3 2 1 6
-
3 1 0
TYPE
DIMENSIONS
IMPEDANCE
SHAPES AND DIMENSIONS
UNIT:mm
SPECIFICATION TABLE
PART NUMBER
IMPEDANCE (Ω)
at 100MHz
DCR (Ω)
(max)
IDC (mA)
(max)
MB3216-310
31±25%
0.20
500
MB3216-600
60±25%
0.30
400
MB3216-900
90±25%
0.30
300
MB3216-121
120±25%
0.20
300
MB3216-151
150±25%
0.30
300
MB3216-301
300±25%
0.30
300
MB3216-601
600±25%
0.30
200
MB3216-751
750±25%
0.80
200
MB3216-102
1000±25%
1.00
200
MB3216-152
1500±25%(at50MHz)
1.00
200
MB3216-202
2000±25%(at30MHz)
0.60
100
Test equipment:HP-4291 A impedance analyzer or equivalent.


Similar Part No. - MB3216-310

ManufacturerPart #DatasheetDescription
logo
Productwell Precision E...
MB321616B121 PRODUCTWELL-MB321616B121 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
MB321616B151 PRODUCTWELL-MB321616B151 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
MB321616B190 PRODUCTWELL-MB321616B190 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
MB321616B221 PRODUCTWELL-MB321616B221 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
MB321616B401 PRODUCTWELL-MB321616B401 Datasheet
229Kb / 11P
MULTILAYER CHIP BEADS
More results

Similar Description - MB3216-310

ManufacturerPart #DatasheetDescription
logo
3M Electronics
SJ5312TRANS 3M-SJ5312TRANS Datasheet
380Kb / 6P
Easy-to-Apply Shapes, Sizes, and Colors Match Your Application Requirements
logo
List of Unclassifed Man...
CFP50 ETC2-CFP50 Datasheet
109Kb / 3P
The highly absorbent precision cleaning swab with a wide variety of head sizes and shapes
logo
YENYO TECHNOLOGY Co., L...
DO-41 YENYO-DO-41 Datasheet
351Kb / 1P
Dimensions in inches and
D-PAK YENYO-D-PAK Datasheet
472Kb / 1P
Dimensions in inches and
GBPC-8 YENYO-GBPC-8 Datasheet
338Kb / 1P
Dimensions in inches and
GBPC-W YENYO-GBPC-W Datasheet
345Kb / 1P
Dimensions in inches and
HITACHI YENYO-HITACHI Datasheet
350Kb / 1P
Dimensions in inches and
KBPC-6 YENYO-KBPC-6 Datasheet
332Kb / 1P
Dimensions in inches and
logo
3M Electronics
SJ6344 3M-SJ6344 Datasheet
107Kb / 5P
3M™ Bumpon™ Protective Products Molded Shapes - Easy Slide Series
Feb-2012
SJ5000 3M-SJ5000 Datasheet
342Kb / 8P
3M™ Bumpon™ Protective Products Molded Shapes - Colored and Clear Series
Jul-2015
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com