Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA0016 Datasheet(PDF) 2 Page - RF Micro Devices

Part # TA0016
Description  EUROPEAN APPLICANTIONS FOR RF 403 CORDLESS TELEPHONE FRONT END RFIC
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

TA0016 Datasheet(HTML) 2 Page - RF Micro Devices

  TA0016 Datasheet HTML 1Page - RF Micro Devices TA0016 Datasheet HTML 2Page - RF Micro Devices TA0016 Datasheet HTML 3Page - RF Micro Devices TA0016 Datasheet HTML 4Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
13-86
TA0016
13
Copyright 1997-2000 RF Micro Devices, Inc.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
L2
Jumper
C4
100 pF
L1
47 nH
P1-1
C5
100 pF
ANT
J1
C6
100 pF
LNA OUT
J2
P2-3
P1-1
C7
220 pF
C1
220 pF
C2
0.1
µF
L4
10 nH
L3
33 nH
C9
22 pF
P2-1
C8
100 pF
50
Ω µstrip
PA IN
J3
C10
0.1
µF
C11
1.5 pF
C3
N/A
50
Ω µstrip
50
Ω µstrip
P1-1
NC
P1
GND
VDD
1
2
3
P2-1
P2-3
P2
RXPC
GND
TXPC
1
2
3
R1
150
Figure 1. RF2403 Application Circuit for 433 MHz European Applications
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
L2
3.3 nH
C4
47 pF
L1
22 nH
P1-1
C5
47 pF
ANT
J1
C6
47 pF
LNA OUT
J2
P2-3
P1-1
C7
100 pF
C1
100 pF
C2
0.1
µF
L4
3.3 nH
L3
33 nH
C9
12 pF
P2-1
C8
47 pF
50
Ω µstrip
PA IN
J3
C10
0.1
µF
C11
0.6 pF
C3
3 pF
50
Ω µstrip
50
Ω µstrip
P1-1
NC
P1
GND
VDD
1
2
3
P2-1
P2-3
P2
RXPC
GND
TXPC
1
2
3
Figure 2. RF2403 Application Circuit for 915 MHz ISM Applications



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com