Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP7748SGF Datasheet(PDF) 20 Page - Monolithic Power Systems

Part # MP7748SGF
Description  2 x 30W Stereo Single Ended Or 60W Mono BTL Class D Audio Amplifier
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP7748SGF Datasheet(HTML) 20 Page - Monolithic Power Systems

Back Button MP7748SGF Datasheet HTML 15Page - Monolithic Power Systems MP7748SGF Datasheet HTML 16Page - Monolithic Power Systems MP7748SGF Datasheet HTML 17Page - Monolithic Power Systems MP7748SGF Datasheet HTML 18Page - Monolithic Power Systems MP7748SGF Datasheet HTML 19Page - Monolithic Power Systems MP7748SGF Datasheet HTML 20Page - Monolithic Power Systems MP7748SGF Datasheet HTML 21Page - Monolithic Power Systems MP7748SGF Datasheet HTML 22Page - Monolithic Power Systems MP7748SGF Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
MP7748S
–2 X 30W STEREO SE OR 60W MONO BTL CLASS D AUDIO AMPLIFIER
MP7748S Rev. 1.0
www.MonolithicPower.com
20
10/14/2013
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2013 MPS. All Rights Reserved.
Route each power supply from the source to
each channel individually, not serially. This
prevents channel-to-channel coupling through
the power supply input.
Electro-Magnetic Interference (EMI)
Considerations
Due to the switching nature of Class D
amplifiers, care must be taken to minimize the
effects of electromagnetic interference from the
amplifier. However, proper component selection
and careful attention to circuit layout can
minimize the effects of the EMI due to the
amplifier switching.
The power inductors are a potential source of
radiated
emissions.
For
the
best
EMI
performance, use toroidal inductors, since the
magnetic field is well-contained inside the core.
However toroidal inductors can be expensive to
wind. For a more economical solution, use
shielded-gapped
–ferrite
or
shielded-ferrite-
bobbin-core inductors. These inductors typically
do not contain the EM field as well toroidal
inductors, but can achieve a better balance
between good EMI performance with low cost.
The size of high-current loops that carry rapidly
changing currents must be minimized: Make
sure that the VDD bypass capacitors are as
close to the MP7748S as possible.
Nodes that carry rapidly changing voltage, such
as SW, need to be made as small as possible.
If sensitive traces run near a trace connected to
SW, place a ground shield between the traces.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com