Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RM50P30DF Datasheet(PDF) 2 Page - Rectron Semiconductor

Part # RM50P30DF
Description  P-Channel Enhancement Mode Power MOSFET
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RECTRON [Rectron Semiconductor]
Direct Link  http://www.rectron.com
Logo RECTRON - Rectron Semiconductor

RM50P30DF Datasheet(HTML) 2 Page - Rectron Semiconductor

  RM50P30DF Datasheet HTML 1Page - Rectron Semiconductor RM50P30DF Datasheet HTML 2Page - Rectron Semiconductor RM50P30DF Datasheet HTML 3Page - Rectron Semiconductor RM50P30DF Datasheet HTML 4Page - Rectron Semiconductor RM50P30DF Datasheet HTML 5Page - Rectron Semiconductor RM50P30DF Datasheet HTML 6Page - Rectron Semiconductor RM50P30DF Datasheet HTML 7Page - Rectron Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
Electrical Characteristics (TC=25
unless otherwise noted)
Parameter
Symbol
Condition
Min
Typ
Max
Unit
Off Characteristics
Drain-Source Breakdown Voltage
BVDSS
VGS=0V ID=-250A
-30
-33
-
V
Zero Gate Voltage Drain Current
IDSS
VDS=-30V,VGS=0V
-
-
1
A
Gate-Body Leakage Current
IGSS
VGS=±20V,VDS=0V
-
-
±100
nA
On Characteristics
(Note 3)
Gate Threshold Voltage
VGS(th)
VDS=VGS,ID=-250A
-1
-1.5
-2.2
V
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V, ID=-10A
-
4.4
7
m
Forward Transconductance
gFS
VDS=-10V,ID=-15A
-
20
-
S
Dynamic Characteristics
(Note4)
Input Capacitance
Clss
-
3590
-
PF
Output Capacitance
Coss
-
695
-
PF
Reverse Transfer Capacitance
Crss
VDS=-15V,VGS=0V,
F=1.0MHz
-
665
-
PF
Switching Characteristics
(Note 4)
Turn-on Delay Time
td(on)
-
13
-
nS
Turn-on Rise Time
tr
-
12
-
nS
Turn-Off Delay Time
td(off)
-
50
-
nS
Turn-Off Fall Time
tf
VDD=-15V,ID=-10A
VGS=-10V,RGEN=6
-
14
-
nS
Total Gate Charge
Qg
-
84
-
nC
Gate-Source Charge
Qgs
-
11.7
-
nC
Gate-Drain Charge
Qgd
VDS=-15V,ID=-10A,
VGS=-10V
-
25
-
nC
Drain-Source Diode Characteristics
Diode Forward Voltage
(Note 3)
VSD
VGS=0V,IS=-10A
-
-0.85
-1.2
V
Diode Forward Current
(Note 2)
IS
-
-
-50
A
Reverse Recovery Time
trr
-
-
45
nS
Reverse Recovery Charge
Qrr
TJ = 25°C, IF = -10A
di/dt = 100A/s(Note3)
-
-
43
nC
Forward Turn-On Time
ton
Intrinsic turn-on time is negligible (turn-on is dominated by LS+LD)
Notes:
1. Repetitive Rating: Pulse width limited by maximum junction temperature.
2. Surface Mounted on FR4 Board, t ” 10 sec.
3. Pulse Test: Pulse Width ” 300 s, Duty Cycle ” 2%.
4. Guaranteed by design, not subject to production
5. EAS condition
Tj=25
,VDD=-15V,VG=-10V,L=0.5mH,Rg=25



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com