Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SFH-331 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH-331
Description  SMT package with red emitter (635 nm) and Si-phototransistor
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH-331 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH-331 Datasheet HTML 1Page - OSRAM GmbH SFH-331 Datasheet HTML 2Page - OSRAM GmbH SFH-331 Datasheet HTML 3Page - OSRAM GmbH SFH-331 Datasheet HTML 4Page - OSRAM GmbH SFH-331 Datasheet HTML 5Page - OSRAM GmbH SFH-331 Datasheet HTML 6Page - OSRAM GmbH SFH-331 Datasheet HTML 7Page - OSRAM GmbH SFH-331 Datasheet HTML 8Page - OSRAM GmbH SFH-331 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 17 page
background image
2015-12-14
4
Version 1.3
SFH 331
Relative Spectral Emission 2) page 16
(typ) Irel = f(λ), TA = 25 °C, IF = 20 mA, V(λ) = Standard Eye Response Curve
Relative Luminous Intensity 2) page 16
Iv / Iv(10 mA) = f(IF), TA = 25 °C
Max. Permissible Forward Current
IF, max = f(TA)
%
rel
λ
OHL02350
Vλ
100
80
60
40
20
0
400
450
500
550
600
650
700
nm
Φ
super-red
V
V(10mA)
10 -1
0
10
10 1
2
10
mA
10 -3
5
OHL02316
F
Ι
5
-2
10
5
-1
10
0
10
1
10
Ι
Ι
5
5
super-red
60
OHL01661
Ι
F
0
100
60
40
20
A
80
0
T
10
20
30
40
50
˚C
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com