Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

2N2218AL Datasheet(PDF) 1 Page - Microsemi Corporation

Part # 2N2218AL
Description  NPN SWITCHING SILICON TRANSISTOR
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROSEMI [Microsemi Corporation]
Direct Link  http://www.microsemi.com
Logo MICROSEMI - Microsemi Corporation

2N2218AL Datasheet(HTML) 1 Page - Microsemi Corporation

  2N2218AL Datasheet HTML 1Page - Microsemi Corporation 2N2218AL Datasheet HTML 2Page - Microsemi Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
TECHNICAL DATA
NPN SWITCHING SILICON TRANSISTOR
Qualified per MIL-PRF-19500/251
Devices
Qualified Level
2N2218
2N2218A
2N2218AL
2N2219
2N2219A
2N2219AL
JAN
JANTX
JANTXV
JANS
MAXIMUM RATINGS
Ratings
Symbol
2N2218
2N2219
2N2218A; L
2N2219A; L
Unit
Collector-Emitter Voltage
VCEO
30
50
Vdc
Collector-Base Voltage
VCBO
60
75
Vdc
Emitter-Base Voltage
VEBO
5.0
6.0
Vdc
Collector Current
IC
800
mAdc
Total Power Dissipation
@ TA = +25
0C(1)
@ TC = +25
0C(2)
PT
0.8
3.0
W
W
Operating & Storage Junction Temp. Range
Top, Tstg
-55 to +200
0C
THERMAL CHARACTERISTICS
Characteristics
Symbol
Max.
Unit
Thermal Resistance, Junction-to-Case
RθJC
59
0C/W
1) Derate linearly 4.6 mW/
0C above TA > +250C
2) Derate linearly 17.0 mW/
0C above TC > +250C
TO- 39* (TO-205AD)
2N2218, 2N2218A
2N2219, 2N2219A
TO-5*
2N2218AL,
2N2219AL
*See appendix A for
package outline
ELECTRICAL CHARACTERISTICS (TA = 25
0C unless otherwise noted)
Characteristics
Symbol
Min.
Max.
Unit
OFF CHARACTERISTICS
Collector-Emitter Breakdown Voltage
IE = 10 mAdc
2N2218; 2N2219
2N2218A; L; 2N2219A; L
V(BR)CEO
30
50
Vdc
Emitter-Base Cutoff Current
VEB = 5.0 Vdc
2N2218; 2N2219
VEB = 6.0 Vdc
2N2218A; L; 2N2219A; L
VEB = 4.0 Vdc
All Types
IEBO
10
10
10
µAdc
ηAdc
Collector-Base Cutoff Current
VCE = 30 Vdc
2N2218; 2N2219
VCE = 50 Vdc
2N2218A; L; 2N2219A; L
ICES
10
10
ηAdc
6 Lake Street, Lawrence, MA 01841
1-800-446-1158 / (978) 794-1666 / Fax: (978) 689-0803
120101
Page 1 of 2


Similar Part No. - 2N2218AL

ManufacturerPart #DatasheetDescription
logo
Semicoa Semiconductor
2N2218AL SEMICOA-2N2218AL Datasheet
307Kb / 2P
Silicon NPN Transistor
More results

Similar Description - 2N2218AL

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
MMBT4401LT1 ONSEMI-MMBT4401LT1 Datasheet
213Kb / 8P
Switching Transistor(NPN Silicon)
September, 2004 ??Rev. 4
logo
STMicroelectronics
MJE13007 STMICROELECTRONICS-MJE13007 Datasheet
29Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Jun-1998
logo
Siemens Semiconductor G...
SXT2222A SIEMENS-SXT2222A Datasheet
155Kb / 6P
NPN Silicon Switching Transistor
logo
Infineon Technologies A...
PZT3904 INFINEON-PZT3904 Datasheet
48Kb / 5P
NPN Silicon Switching Transistor
Nov-30-2001
logo
ON Semiconductor
MMBT4401WT1 ONSEMI-MMBT4401WT1 Datasheet
119Kb / 6P
Switching Transistor NPN Silicon
February, 2004 ??Rev. 1
logo
Weitron Technology
MMBT4401 WEITRON-MMBT4401 Datasheet
461Kb / 6P
Switching Transistor NPN Silicon
logo
ON Semiconductor
BSV52LT1 ONSEMI-BSV52LT1 Datasheet
51Kb / 4P
Switching Transistor (NPN Silicon)
March, 2001 ??Rev. 1
logo
STMicroelectronics
BU406 STMICROELECTRONICS-BU406_03 Datasheet
56Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
Feb-2003
logo
New Jersey Semi-Conduct...
BUV42 NJSEMI-BUV42 Datasheet
114Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
logo
Unisonic Technologies
BU406 UTC-BU406_15 Datasheet
213Kb / 4P
SILICON NPN SWITCHING TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com