Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LT8640 Datasheet(PDF) 3 Page - Linear Technology

Part # LT8640
Description  42V, 5A Micropower Synchronous Step-Down Silent Switcher
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8640 Datasheet(HTML) 3 Page - Linear Technology

  LT8640 Datasheet HTML 1Page - Linear Technology LT8640 Datasheet HTML 2Page - Linear Technology LT8640 Datasheet HTML 3Page - Linear Technology LT8640 Datasheet HTML 4Page - Linear Technology LT8640 Datasheet HTML 5Page - Linear Technology LT8640 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
dc2202af
DEMO MANUAL DC2202A
Quick start proceDure
Demonstration circuit 2202A is easy to set up to evalu-
ate the performance of the LT8640. Refer to Figure 4 for
proper measurement equipment setup and follow the
procedure below:
NOTE: When measuring the input or output voltage ripple,
care must be taken to avoid a long ground lead on the
oscilloscope probe. Measure the input or output voltage
ripple by touching the probe tip directly across the VIN
or VOUT and GND terminals. See Figure 5 for the proper
scope technique.
1. Place JP1 on BURST position.
2. With power off, connect the input power supply to VEMI
andGND.IftheEMI/EMCperformanceisnotimportant,
the input EMI filter can be bypassed by connecting the
input power supply to VIN and GND.
3. With power off, connect the load from VOUT to GND.
4. Turn on the power at the input.
NOTE: Make sure that the input voltage does not exceed
42V.
5. Check for the proper output voltage (VOUT = 5V).
NOTE: If there is no output, temporarily disconnect the
load to make sure that the load is not set too high or
is shorted.
6. Once the proper output voltage is established, adjust
the load within the operating ranges and observe the
output voltage regulation, ripple voltage, efficiency and
other parameters.
7. An external clock can be added to the SYNC terminal
whenSYNCfunctionisused(JP1ontheSYNCposition).
Please make sure that RT should be chose to set the
LT8640 switching frequency equal to or below the low-
est SYNC frequency. JP1 can also set LT8640 in spread
spectrum mode (JP1 on the SPREAD-SPECTRUM
position) or pulse-skipping mode (JP1 on the PULSE-
SKIPPING position).
Figure 4. Proper Measurement Equipment Setup
VOUT
GND
Figure 5. Measuring Output Ripple



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com