Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LA212 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # LA212
Description  Photocoupler
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

LA212 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  LA212 Datasheet HTML 1Page - List of Unclassifed Manufacturers LA212 Datasheet HTML 2Page - List of Unclassifed Manufacturers LA212 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
- 3 -
Letex Technology Corp.
Photocoupler
Reference Data
10
0.2
0
0
0.4
0.6
0.8
Forward current (mA)
20
30
40
50
60
Collector-Emitter saturation voltage Vs.
Forward current
1.0
1.2
Test circuit for resopnse time
Forward voltage (V)
-25
0
Forward current Vs.
Forward voltage
Ambient temperature (℃)
75
50
-25
0
Ambient temperature (℃)
75
50
100
Forward current Vs.
Ambient temperature
10
20
30
40
50
60
Collector power dissipation Vs.
Ambient temperature
150
50
100
0
25
100
125
0
25
125
Peak forward current Vs.
Duty ratio
Duty ratio
10
20
50
100
200
500
1000
2000
5
10
2
5
5
2
5
2
-3
-2
10
-1
10
0
10
3.0
2.5
1.0
0.5
1.5
2.0
1
10
50
200
0
Pulse width 100us
Ta = 25℃
2
5
100
500
20
25℃
0℃
25℃
50℃
Ta = 75℃
Forward current (mA)
1
1
Current transfer ratio Vs.
Forward current
2
5
10
20
50
20
40
60
80
100
120
140
160
180
200
Vce = 5V
Ta = 25℃
0
0
Collector-Emitter voltage (V)
Collector current Vs.
Collector-Emitter voltage
Ta = 25℃
1
2
3
4
5
6
7
8
9
5
10
15
20
25
30
IF = 30mA
20mA
10mA
5mA
Pc(Max)
Ambient temperature (℃)
-25
0
0
25
100
50
75
Relative CTR Vs.
Ambient temperature
50
100
150
IF = 5mA
Vce = 5V
Ambient temperature (℃)
-25
0
0
25
100
50
75
Collector-Emitter saturation voltage Vs.
Ambient temperature
IF = 20mA
Ic = 1mA
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
Vce = 20V
Collector dark current Vs.
Ambient temperature
Ambient temperature (℃)
-11
10
-10
10
-9
10
-8
10
-7
10
-6
10
-5
10
0
25
50
75
100
-25
Ta = 25℃
Load resistance (k Ω )
0.1
Response time Vs.
Load resistance
Vce = 2V
Ic = 2mA
Ta = 25℃
0.1 0.2
0.5
1
2
5
10
0.2
0.5
1
2
5
10
20
50
100
200
500
Vcc
RL
Output
RD
Input
10%
Input
Output
90%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com