Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

IEG45-3LA/400/21 Datasheet(PDF) 2 Page - PHOENIX CONTACT

Part # IEG45-3LA/400/21
Description  Voltage indication module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

IEG45-3LA/400/21 Datasheet(HTML) 2 Page - PHOENIX CONTACT

  IEG45-3LA/400/21 Datasheet HTML 1Page - PHOENIX CONTACT IEG45-3LA/400/21 Datasheet HTML 2Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
IEG 45-3LA/400/21
104160_en_00
2
PHOENIX CONTACT GmbH & Co. KG • 32823 Blomberg • Germany • Phone: +49 - 52 35 - 30 0
PHOENIX CONTACT • P.O.Box 4100 • Harrisburg • PA 17111-0100 • USA • Phone: +717-944-1300
www.phoenixcontact.com
2Ordering data
3
Technical data
Description
Type
Order No.
Pcs./Pkt.
Voltage indication module, with relay contact output, SPDT, 400 V AC
operating voltage
IEG 45-3LA/400/21
2963268
5
General data
Ambient temperature range
-20°C … +40°C
Rated insulation voltage according to EN 50178
300 V
Pollution degree according to EN 50178
2
Surge voltage category according to EN 50178
3, basic insulation
Mounting position
Any
Installation
Can be aligned without spacing
Width
45 mm
Height
47.5 mm
Length
75 mm
Connection data
Conductor cross-section, solid
0.2 mm² ... 4 mm²
Conductor cross-section, stranded
0.2 mm² ... 4 mm²
Conductor cross-section, AWG
24 - 12
Stripping length
8 mm
Connection method
Screw connection
Input
Operating voltage U
N (phase conductor/phase conductor)
400 V AC ±10%
Operating voltage range
0.93 … 1.1 x U
N (at 20°C)
Indication range
≥ 100 V AC
Indication elements
Glow lamp (green cover)
Current consumption of each light indicator at U
N
L1
L2
L3
5.3 mA
5.3 mA
7.9 mA
Relay output
Contact type
Single contact, SPDT
Contact material
AgSnO
Maximum switching voltage
250 V AC/DC
Limiting continuous current
6 A
Output fuse
6.3 A (fast-blow)
Maximum interrupting rating (ohmic load)
At 24 V DC
At 250 V AC
144 W
1500 VA
Mechanical service life
2 x 10
7
cycles, approximately
Conformance/approvals
Conformance
CE-compliant
Conformance with EMC Directive 2004/108/EC
Noise immunity according to
EN 61000-6-2
Noise emission according to
EN 61000-6-4
Conformance with Low Voltage Directive (LVD) 2006/95/EC
Electronic equipment according to
EN 50178



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com