Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMV-5 Datasheet(PDF) 1 Page - PAIRUI GROUP INC.

Part # DMV-5
Description  DC-DC Converter
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PAIRUI [PAIRUI GROUP INC.]
Direct Link  http://www.pairuigroup.com/Ch
Logo PAIRUI - PAIRUI GROUP INC.

DMV-5 Datasheet(HTML) 1 Page - PAIRUI GROUP INC.

  DMV-5 Datasheet HTML 1Page - PAIRUI GROUP INC. DMV-5 Datasheet HTML 2Page - PAIRUI GROUP INC. DMV-5 Datasheet HTML 3Page - PAIRUI GROUP INC. DMV-5 Datasheet HTML 4Page - PAIRUI GROUP INC.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
www.pairuigroup.com
Page: 1 / 4
Date: 07/21/2015
*Subject to change without notice
DC-DC Converter
DIP-Package
DMV-5 SERIES, 5WATT, 2:1 INPUT RANGE
FEATURES:
1500Vdc isolation voltage
Metal case with low ripple and noise
Short circuit and input under voltage protection
Operating temperature range -40
℃ to +85℃
3 year warranty
Model
Input voltage
(Vdc)
Output voltage
(Vdc)
Output current
(mA)
Efficiency
Typ.
DMV5-0511
5(4.5~9)
3.3
1000
72%
DMV5-0512
5
1000
75%
DMV5-0513
9
550
76%
DMV5-0514
12
410
77%
DMV5-0515
15
330
78%
DMV5-0516
24
210
78%
DMV5-0521
±3.3
500
70%
DMV5-0522
±5
500
74%
DMV5-0523
±9
275
75%
DMV5-0524
±12
205
77%
DMV5-0525
±15
165
78%
DMV5-0526
±24
100
77%
DMV5-1211
12(9~18)
3.3
1000
72%
DMV5-1212
5
1000
75%
DMV5-1213
9
550
76%
DMV5-1214
12
410
77%
DMV5-1215
15
330
78%
DMV5-1216
24
210
79%
DMV5-1221
±3.3
500
70%
DMV5-1222
±5
500
78%
DMV5-1223
±9
275
80%
DMV5-1224
±12
205
80%
DMV5-1225
±15
165
81%
DMV5-1226
±24
100
81%
DMV5-2411
24(18~36)
3.3
1000
72%
DMV5-2412
5
1000
81%
DMV5-2413
9
550
79%
DMV5-2414
12
410
80%
DMV5-2415
15
330
81%
DMV5-2416
24
210
82%


Similar Part No. - DMV-5

ManufacturerPart #DatasheetDescription
logo
PAIRUI GROUP INC.
DMV-5 PAIRUI-DMV-5 Datasheet
482Kb / 4P
DC-DC Converter
DMV-5W PAIRUI-DMV-5W Datasheet
399Kb / 3P
DC-DC Converter
DMV-5W PAIRUI-DMV-5W Datasheet
443Kb / 4P
DC-DC Converter
DMV-5W PAIRUI-DMV-5W_15 Datasheet
443Kb / 4P
DC-DC Converter
More results

Similar Description - DMV-5

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
SSM5G02TU TOSHIBA-SSM5G02TU Datasheet
191Kb / 10P
DC-DC Converter
SSM5H03TU TOSHIBA-SSM5H03TU Datasheet
192Kb / 10P
DC-DC Converter
logo
CUI INC
VABD3 CUI-VABD3 Datasheet
284Kb / 3P
DC/DC converter
VASD1-SIP CUI-VASD1-SIP Datasheet
284Kb / 3P
DC/DC converter
VASD2-SIP CUI-VASD2-SIP Datasheet
173Kb / 3P
DC/DC converter
VAWQ6 CUI-VAWQ6 Datasheet
209Kb / 3P
DC/DC converter
VBD20 CUI-VBD20 Datasheet
241Kb / 3P
DC/DC converter
VRB3-DIP CUI-VRB3-DIP Datasheet
95Kb / 3P
Dc-Dc Converter
VSCQ30 CUI-VSCQ30 Datasheet
234Kb / 3P
DC/DC converter
VWQBS2-SIP CUI-VWQBS2-SIP Datasheet
175Kb / 3P
DC-DC Converter
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com