Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PLT5-510 Datasheet(PDF) 1 Page - OSRAM GmbH

Part # PLT5-510
Description  Green Laser Diode in TO56 Package
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

PLT5-510 Datasheet(HTML) 1 Page - OSRAM GmbH

  PLT5-510 Datasheet HTML 1Page - OSRAM GmbH PLT5-510 Datasheet HTML 2Page - OSRAM GmbH PLT5-510 Datasheet HTML 3Page - OSRAM GmbH PLT5-510 Datasheet HTML 4Page - OSRAM GmbH PLT5-510 Datasheet HTML 5Page - OSRAM GmbH PLT5-510 Datasheet HTML 6Page - OSRAM GmbH PLT5-510 Datasheet HTML 7Page - OSRAM GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
04.04.2016
1
ATTENTION – Observe Precautions For Handling – Electrostatic Sensitive Device
Green Laser Diode in TO56 Package
Version 1.1
PLT5 510
Features
•
Optical output power (continuous wave): 10 mW (Tcase = 25 °C)
•
Typical emission wavelength: 515 nm
•
Efficient radiation source for cw and pulsed operation
•
Single transverse mode semiconductor laser
•
High modulation bandwidth
•
TO56 package with photo diode
Applications
•
Laser projection
•
Laser shows
•
Presenter
•
Biomedical Applications
•
Metrology
Safety Advice
Depending on the mode of operation, these devices emit highly concentrated visible light which can be
hazardous to the human eye. Products which incorporate these devices have to follow the safety
precautions found in IEC 60825-1 “Safety of laser products”.


Similar Part No. - PLT5-510

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
Green Laser Diode in TO56 Package
PLT5-522FA_P OSRAM-PLT5-522FA_P Datasheet
1Mb / 14P
Metal Can® TO56
Version a.1 2022-09-15
PLT5-522FA_P-M12 OSRAM-PLT5-522FA_P-M12 Datasheet
1Mb / 14P
Metal Can® TO56
Version a.1 2022-09-15
More results

Similar Description - PLT5-510

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
PLT5510 OSRAM-PLT5510 Datasheet
252Kb / 7P
Green Laser Diode in TO56 Package
PLT5520-B1-2-3 OSRAM-PLT5520-B1-2-3 Datasheet
408Kb / 9P
Green Laser Diode in TO56 Package
PLTB450B OSRAM-PLTB450B Datasheet
631Kb / 7P
Blaue Laser Diode 1.6 W in TO56 Bauform
PLT5450B OSRAM-PLT5450B Datasheet
369Kb / 9P
Blue Laser Diode in TO56 Package
PLT5488 OSRAM-PLT5488 Datasheet
370Kb / 9P
Blue-Cyan Laser Diode in TO56 Package
SPLTR85 OSRAM-SPLTR85 Datasheet
342Kb / 9P
Infrared Laser Diode in TO56 Package
PLT5-520 OSRAM-PLT5-520 Datasheet
396Kb / 10P
Green Laser Diode in TO56 Package
logo
ams AG
PLT5510 AMSCO-PLT5510 Datasheet
1Mb / 17P
Green Laser Diode in TO56 Package
Version 1.7 2021-06-23
SPLTR85 AMSCO-SPLTR85 Datasheet
1Mb / 13P
Metal Can® TO56 Infrared Laser Diode in TO56 Package
Version 0.2 2018-11-26
logo
OSRAM GmbH
SPLTR85 OSRAM-SPLTR85_V01 Datasheet
1Mb / 13P
Infrared Laser Diode in TO56 Package
Version 0.2 - 2018-11-26
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com