Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

STV0680-001 Datasheet(PDF) 21 Page - STMicroelectronics

Part # STV0680-001
Description  Low Cost Digital Camera (LCDC) Chipset
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STV0680-001 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button STV0680-001 Datasheet HTML 17Page - STMicroelectronics STV0680-001 Datasheet HTML 18Page - STMicroelectronics STV0680-001 Datasheet HTML 19Page - STMicroelectronics STV0680-001 Datasheet HTML 20Page - STMicroelectronics STV0680-001 Datasheet HTML 21Page - STMicroelectronics STV0680-001 Datasheet HTML 22Page - STMicroelectronics STV0680-001 Datasheet HTML 23Page - STMicroelectronics STV0680-001 Datasheet HTML 24Page - STMicroelectronics STV0680-001 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 60 page
background image
STV0680A + VV6444/6410/6500
Digital Camera Chipset; Customer Datasheet, Rev 3.0, March 2000
PRELIMINARY
CDSTV0680F-C
Commercial in confidence
21
STV0680F_contents.fm
4.6.1
Power switching to USB
Included in the USB compliance requirements, is the ability of the camera to report to the PC when connected to the USB bus,
whether or not there is a fresh battery in the camera. This means that power sourcing from USB is required, which also saves on
battery life while the camera is used in USB tethered video mode. In order to allow switching from battery to USB power, some
additional hardware is required (see also Section 9.):
•
The USBDETECT input to STV0680A is used to detect that a USB power supply is connected
•
If the USB is detected, additional hardware is used to switch off the battery
•
An inrush protection circuit can protect the USB bus from current draw in the case of a low battery/battery not fitted. This may
be necessary to comply with the USB specification.
•
For precise USB compliance requirements, please consult the USB specification version 1.1
4.6.2
Switched sensor supply
Dependant on the hardware implementation, the SENSPWR output from STV0680A can be used to power off completely the
sensor during Standby mode (in the case of VV6444) or put the sensor into Suspend mode (in the case of VV6410/6500). This
has a significant improvement on battery life.
4.6.3
Battery type
This is hardware dependant. The schematics referred to in Section 9. assume either three or four 1.5V cells.
4.7
Quartz Crystal
Regardless of the sensor type or anti-flicker requirements, the sensor + STV0680A chipset operates from a single 12MHz
fundamental quartz crystal. For specification requirements, see Table 15. STV0680A includes an on-chip low jitter PLL, for PLL
characteristics, see Table 14.
4.8
Numeric LCD interface
STV0680A supports a 2-digit LCD panel only, for alpha-numeric display.
4.8.1
LCD types
STV0680A connects to a non multiplexed, direct drive LCD with 2 x 7 segments. Many LCD types are compatible with this
interface. The LCD refresh frequency is 34.7Hz.
4.8.2
LCD interface pinout
'0' connects to segment 'a', '1' connects to segment 'b', and so on, where a to g are standard for all 7-segment displays, as well as
an LCD common output, giving
fifteen signals in total.
4.9
Switches and LED’s
The GPIO lines on STV0680A have pre-defined functions as follows, see Section 2.2 for user interface functionality, and Section
9. for precise hardware implementation.
4.9.1
MODE push button and SHUTTER push button: GPIO0 and GPIO1
Both push button inputs have internal de-bounce circuits, reducing the amount of hardware required externally. It is
recommended that labelling is used on the camera casing to help the user understand the functioning of the 2-button interface.
4.9.2
Input to select between 50 and 60Hz flicker frequency: GPIO3
This allows for factory setting of the anti-flicker frequency, dependant on the final country of destination. See also Section 2.5.
The polarity of this selection is detailed in the reference design (see Section 9.).
The precise functionality of early demonstration units may vary from the actual user interface supported
by STV0680A.
! Note



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com