Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4040 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4040
Description  Battery Charger and Backup Power Manager
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4040 Datasheet(HTML) 2 Page - Linear Technology

  LTC4040 Datasheet HTML 1Page - Linear Technology LTC4040 Datasheet HTML 2Page - Linear Technology LTC4040 Datasheet HTML 3Page - Linear Technology LTC4040 Datasheet HTML 4Page - Linear Technology LTC4040 Datasheet HTML 5Page - Linear Technology LTC4040 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc2118af
DEMO MANUAL DC2118A
QUICK START PROCEDURE
Demonstration circuit 2118A is easy to set up to evaluate
the performance of LTC4040. Refer to Figure 2 for proper
measurement equipment setup and follow the procedure
below.
1. The jumpers are set as below for a typical 4.1V charg-
ing application:
JP1
NTC
INT
JP2
ENCHG
ON
JP3
ENBST
ON
JP4
F1
1
JP5
F0
1
JP6
LEDS
ON
JP7
F2
1
2. With all power off, connect the input supply, system
load, and meters as shown in Figure 3.
Charge Mode
3. Connect the battery as shown in Figure 3 to charge at
4.1V, 2A. For alternate charge voltage settings, refer
to Table 1.
4. Turn on the input power supply to evaluate charge
mode. Adjust the input voltage and current limit to
the desired value.
NOTE: While DC2118A is robust to overvoltage condi-
tions up to 40V on DCIN, DO NOT exceed this limit or
damage may occur to MOSFET Q1 and IC U1.
5. Turn on and adjust the system load as necessary.
Charging current will be limited when input current
exceeds 2.5A.
6. The CHRG LED will toggle off when the charge current
has dropped below 250mA. The timer will continue to
run and charging will continue until the timer period
ends. Multiple timer periods may be necessary to fully
charge a large capacity battery, such as the one used
to obtain Figure 1.
7. If the battery voltage does not increase above the low
battery threshold during the precondition time or the
thermistor value exceeds the normal range, CHRG will
toggle off and FAULT will toggle on indicating a bad
battery.
Backup Mode
8. Turn off the input power supply to evaluate backup
mode.
9. The PFO LED will toggle on indicating input power
failure.
10. Adjust the system load as necessary.
Figure 1. Typical Battery Charge Cycle
Figure 2. Typical Battery Discharge Cycle
PERFORMANCE SUMMARY
TIME (Hrs)
0
2.25
2.00
1.50
1.00
0.50
1.75
1.25
0.75
0.25
0
4.2
4.0
3.6
3.2
2.8
3.8
3.4
3.0
2.6
2.4
5
9
3
7
dc2118 F01
10
4
8
2
6
1
9600mAh Li-Ion
VIN = 5V
RPROG = 1.00k
TIMER
RESTART
TIMER
START
CHRG
VBAT
IBAT
C/8
TERMINATION
TIME (Hrs)
0:00
5
4
2
3
1
0
5
4
2
3
1
0
1:30
dc2118a F02
2:30
2:00
1:00
0:30
9600mAh Li-Ion
VSYS = 5V
ISYS = 2A
POWER
FAIL
BACKUP
STARTED
VSYS
IBAT
VBAT



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com