Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F14533 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F14533
Description  Angelette Reflector
PDF  120 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F14533 Datasheet(HTML) 1 Page - Ledil, Inc.

  F14533 Datasheet HTML 1Page - Ledil, Inc. F14533 Datasheet HTML 2Page - Ledil, Inc. F14533 Datasheet HTML 3Page - Ledil, Inc. F14533 Datasheet HTML 4Page - Ledil, Inc. F14533 Datasheet HTML 5Page - Ledil, Inc. F14533 Datasheet HTML 6Page - Ledil, Inc. F14533 Datasheet HTML 7Page - Ledil, Inc. F14533 Datasheet HTML 8Page - Ledil, Inc. F14533 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 120 page
background image
PRODUCT DATASHEET
Angelette series
last update 8/2/2017
DETAILS
Product Number
F14533_ANGELETTE-M
Family
Angelette
Type
Reflector
Color
metal
Diameter
110 mm
Height
57,3 mm
Style
round
Optic Material
PC
Holder Material
Fastening
socket
Status
production ready
ROHS Compliant
Yes
Date Updated
8/02/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
V22 Gen6
49 deg
Medium
88 %
1.200
IDEAL: 50-2204-CT + 50-2100AN
V13 Gen7
46 deg
Medium
89 %
1.300
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
V22 Gen7
sim: 45
Medium
sim: 94 % sim: 1.522 IDEAL: 50-2204-CT + 50-2100AN
V13 Gen7
sim: 44
Medium
sim: 90 % sim: 1.500 IDEAL: 50-2103CT + 50-2100AN
VERO13
46 deg
Medium
88 %
1.300
-
VERO18
48 deg
Medium
88 %
1.200
-
V13 Gen7
sim: 45
Medium
sim: 90 % sim: 1.490 Bender Wirth: 477 Typ L1
VERO29
54 deg
Medium
89 %
1.100
-
VERO13
50 deg
Medium
84 %
1.100
-
VERO18
52 deg
Medium
84 %
1.100
-
V22 Gen6
51 deg
Medium
84 %
1.100
IDEAL: 50-2204-CT + 50-2100AN
V13 Gen7
49 deg
Medium
84 %
1.100
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CLL03x/CLU03x
45 deg
Medium
88 %
1.300
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CLL04x/CLU04x
49 deg
Medium
88 %
1.200
IDEAL: 50-2204-CT + 50-2100AN
CLL03x/CLU03x
45 deg
Medium
87 %
1.300
IDEAL: 50-2103CT + 50-2100AN
CLU730/731
45 deg
Medium
87 %
1.300
IDEAL: 50-2204-CT + 50-2100AN
CLL03x/CLU03x
49 deg
Medium
83 %
1.100
IDEAL: 50-2103CT + 50-2100AN
CLL03x/CLU03x
49 deg
Medium
83 %
1.100
TE: 2213254-2 + OPTIC CLIP Z50 TYPE1 2213194-1
CLL04x/CLU04x
51 deg
Medium
84 %
1.100
IDEAL: 50-2204-CT + 50-2100AN
CLU730/731
48 deg
Medium
83 %
1.100
IDEAL: 50-2204-CT + 50-2100AN
CXA/B 25xx
47 deg
Medium
88 %
1.200
-
CXA/B 30xx
50 deg
Medium
89 %
1.200
-
CXA/B 15xx
46 deg
Medium
89 %
1.300
-
CXA/B 1816 & CXA/B 1820 & CXA 1850 47 deg
Medium
89 %
1.200
-
CXA/B 25xx
52 deg
Medium
84 %
1.100
-
January 31st 2018 10:13 Copyright Ledil Oy - Subject to change without prior notice - Page 1/2
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F14533

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
F14531 CREE-F14531 Datasheet
2Mb / 52P
Jenny series
logo
Ledil, Inc.
F14531 LEDIL-F14531 Datasheet
12Mb / 15P
~105째 105째 batwing light distribution for canopy and symmetrical tunnel lighting
F14532 LEDIL-F14532 Datasheet
10Mb / 19P
~10째 spot beam
F14534 LEDIL-F14534 Datasheet
10Mb / 18P
~60째 wide beam
More results

Similar Description - F14533

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FCN15085 CREE-FCN15085 Datasheet
652Kb / 7P
Angelette series
FCN15089 CREE-FCN15089 Datasheet
655Kb / 7P
Angelette series
FCN15093 CREE-FCN15093 Datasheet
699Kb / 7P
Angelette series
FCN15116 CREE-FCN15116 Datasheet
699Kb / 7P
Angelette series
FCN15296 CREE-FCN15296 Datasheet
675Kb / 7P
Angelette series
FCN15297 CREE-FCN15297 Datasheet
677Kb / 7P
Angelette series
CN14424 CREE-CN14424 Datasheet
352Kb / 5P
Angelette series
logo
Ledil, Inc.
FN15270 LEDIL-FN15270 Datasheet
2Mb / 41P
Angelette RefPack
FN15271 LEDIL-FN15271 Datasheet
2Mb / 39P
Angelette RefPack
FN15272 LEDIL-FN15272 Datasheet
1Mb / 23P
Angelette RefPack
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com