Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF3N80DI Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KF3N80DI
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF3N80DI Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KF3N80DI Datasheet HTML 1Page - KEC(Korea Electronics) KF3N80DI Datasheet HTML 2Page - KEC(Korea Electronics) KF3N80DI Datasheet HTML 3Page - KEC(Korea Electronics) KF3N80DI Datasheet HTML 4Page - KEC(Korea Electronics) KF3N80DI Datasheet HTML 5Page - KEC(Korea Electronics) KF3N80DI Datasheet HTML 6Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2012. 8. 10
2/6
KF3N80D/I
Revision No : 0
2
PRODUCT NAME
LOT NO
1
001
2
KF3N80
D
1
001
2
KF3N80
I
1
Marking
ELECTRICAL CHARACTERISTICS (Tc=25
℃)
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Static
Drain-Source Breakdown Voltage
BVDSS
ID=250μA, VGS=0V
800
-
-
V
Breakdown Voltage Temperature Coefficient
ΔBV
DSS/ΔTj
ID=250μA, Referenced to 25℃
-
0.8
-
V/
Drain Cut-off Current
IDSS
VDS=800V, VGS=0V
-
-
10
μA
Gate Threshold Voltage
Vth
VDS=VGS, ID=250μA
2.5
-
4.5
V
Gate Leakage Current
IGSS
VGS=±30V, VDS=0V
-
-
±100
nA
Drain-Source ON Resistance
RDS(ON)
VGS=10V, ID=1.35A
-
3.4
4.2
Dynamic
Total Gate Charge
Qg
VDS=480V, ID=3A
VGS=10V
(Note4,5)
-
12
-
nC
Gate-Source Charge
Qgs
-
6
-
Gate-Drain Charge
Qgd
-
2
-
Turn-on Delay time
td(on)
VDD=400V
ID=3A
RG=25Ω
(Note4,5)
-
25
-
ns
Turn-on Rise time
tr
-
27
-
Turn-off Delay time
td(off)
-
60
-
Turn-off Fall time
tf
-
30
-
Input Capacitance
Ciss
VDS=25V, VGS=0V, f=1.0MHz
-
520
-
pF
Output Capacitance
Coss
-
60
-
Reverse Transfer Capacitance
Crss
-
9
-
Source-Drain Diode Ratings
Continuous Source Current
IS
VGS<Vth
-
-
3
A
Pulsed Source Current
ISP
-
-
12
Diode Forward Voltage
VSD
IS=2.7A, VGS=0V
-
-
1.4
V
Reverse Recovery Time
trr
IS=3A, VGS=0V,
dIs/dt=100A/us
-
450
-
ns
Reverse Recovery Charge
Qrr
-
3.0
-
μC
Note 1) Repetivity rating : Pulse width limited by junction temperature.
Note 2) L =37mH, IS=3A, VDD=50V, RG=25Ω, Starting Tj=25℃.
Note 3) IS≤3A, dI/dt≤100A/㎲, VDD≤BVDSS, Starting Tj=25℃.
Note 4) Pulse Test : Pulse width
≤ 300㎲, Duty Cycle ≤ 2%.
Note 5) Essentially independent of operating temperature.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com