Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KF13N50P/F Datasheet(PDF) 6 Page - KEC(Korea Electronics)

Part # KF13N50P/F
Description  N CHANNEL MOS FIELD EFFECT TRANSISTOR
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KF13N50P/F Datasheet(HTML) 6 Page - KEC(Korea Electronics)

  KF13N50P/F Datasheet HTML 1Page - KEC(Korea Electronics) KF13N50P/F Datasheet HTML 2Page - KEC(Korea Electronics) KF13N50P/F Datasheet HTML 3Page - KEC(Korea Electronics) KF13N50P/F Datasheet HTML 4Page - KEC(Korea Electronics) KF13N50P/F Datasheet HTML 5Page - KEC(Korea Electronics) KF13N50P/F Datasheet HTML 6Page - KEC(Korea Electronics) KF13N50P/F Datasheet HTML 7Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
2013. 5. 03
6/7
KF13N50P/F
Revision No : 3
Fig14. Gate Charge
ID
ID
V
DS
VGS
VGS
VDS
VGS
1.0 mA
Fast
Recovery
Diode
10V
10 V
25
Ω
RL
Qg
Qgd
Qgs
Q
tp
Fig16. Resistive Load Switching
Fig15. Single Pulsed Avalanche Energy
V
DS(t)
ID(t)
V
DS
VGS
10 V
25
Ω
L
Time
EAS=
LIAS
2
BVDSS - VDD
BVDSS
1
2
VDD
IAS
BVDSS
VDS
VGS
tr
t
d(off)
toff
t
d(on)
ton
tf
10%
90%
50V
0.8 VDSS
0.5 VDSS



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com