Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC3624-2 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC3624-2
Description  17V, 2A Synchronous Step-Down Regulator with 3.5關A Quiescent Current
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3624-2 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC3624-2 Datasheet HTML 12Page - Linear Technology LTC3624-2 Datasheet HTML 13Page - Linear Technology LTC3624-2 Datasheet HTML 14Page - Linear Technology LTC3624-2 Datasheet HTML 15Page - Linear Technology LTC3624-2 Datasheet HTML 16Page - Linear Technology LTC3624-2 Datasheet HTML 17Page - Linear Technology LTC3624-2 Datasheet HTML 18Page - Linear Technology LTC3624-2 Datasheet HTML 19Page - Linear Technology LTC3624-2 Datasheet HTML 20Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
LTC3624/LTC3624-2
16
36242fd
For more information www.linear.com/LTC3624
Design Example
Asadesignexample,considerusingtheLTC3624/LTC3624-2
in an application with the following specifications:
VIN = 10.8V to 13.2V
VOUT = 3.3V
IOUT(MAX) = 2A
IOUT(MIN) = 0A
fSW = 2.25MHz
Because efficiency and quiescent current are important at
both 500mA and 0A current states, Burst Mode operation
will be utilized.
Given the internal oscillator of 2.25MHz, we can calcu-
late the inductor value for about 40% ripple current at
maximum VIN:
L =
3.3V
2.25MHz •0.8A
1–
3.3V
13.2V
=1.38µH
Given this, a 1.5µH inductor would suffice.
COUT will be selected based on the ESR that is required to
satisfy the output voltage ripple requirement and the bulk
capacitance needed for loop stability. For this design, a
47µF ceramic capacitor will be used.
CIN should be sized for a maximum current rating of:
IRMS =2A
3.3V
13.2V
13.2V
3.3V
–1
1/2
= 0.86A
Bypassing the VINpintogroundwith10µFceramiccapaci-
tors is adequate for most applications.
applicaTions inForMaTion
Figure 3a. Sample PCB Layout-Top Side
Figure 3b. Sample PCB Layout-Bottom Side
TOP LAYER
GND
GND
36242 F03a
GND
CIN
CIN
VIN
VOUT
COUT
C_INTVCC
L1
LTC3624
BOTTOM LAYER
GND
36242 F03b
GND
GND
CIN
VIN
VOUT
COUT
(OPT)
COUT
(OPT)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com