Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTC4366HTS8-1 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC4366HTS8-1
Description  Very High Voltage Surge Stopper
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4366HTS8-1 Datasheet(HTML) 2 Page - Linear Technology

  LTC4366HTS8-1 Datasheet HTML 1Page - Linear Technology LTC4366HTS8-1 Datasheet HTML 2Page - Linear Technology LTC4366HTS8-1 Datasheet HTML 3Page - Linear Technology LTC4366HTS8-1 Datasheet HTML 4Page - Linear Technology LTC4366HTS8-1 Datasheet HTML 5Page - Linear Technology LTC4366HTS8-1 Datasheet HTML 6Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
dc1850aabf
DEMO MANUAL
DC1850A-A/DC1850A-B
overview
The LTC4366 surge stopper operates in a floating topol-
ogy, permitting the design of circuits capable of operating
at virtually unlimited input voltage. DC1850A has been
designed to protect against ±100VDC and 250V for 1ms,
in 28V vehicle applications. The input start-up range is
18V to 41V, while after start-up the input can fall to ap-
proximately 7V while still passing 1.5A load current.
Careful attention has been paid to the layout to provide at
least 87mil (2.2mm) clearance between input and output,
and input and ground. This wide clearance is capable of
withstanding 100VDC and spikes to 250V without arcing.
The operating ranges are shown in silkscreen on the top
of the board. The bottom shows the U1 part number, top
mark and behavior associated with the –A and –B ver-
sions of DC1850A. This same information is shown on
the schematic.
Three ancillary circuits are located on the bottom of the
board.
Shutdown Level Shifter
Since the LTC4366 operates in a floating topology, it is
necessary to level shift ground-referred shutdown signal-
ling. A simple NPN circuit provides level shifting between
the SHUTDOWN turret and the LTC4366’s SD pin.
Wide Voltage Range Constant Current LED Driver
Making an LED operate at constant brightness over a
wide operating range is made possible by a simple, two-
transistor circuit. Input LED (D6) current is held constant
from 18V to 250V, and emits some light as low as 7V.
Output LED (D5) is biased with a 9.1k resistor (R7, on bot-
tom of board). Its brightness will vary with output voltage.
−100V Reverse Voltage Protection Circuit
Reverse polarity inputs of up to −100V are blocked from
reaching the load by M2, whose associated circuitry is
located on the bottom of the board. This circuit blocks
reverse inputs of up to −250VDC, provided the input is
applied from a cold start. If DC1850A is already on and
operating with a positive input voltage, instantaneous
spikes must not exceed −100V.
SHUTDOWN TURRET
If the SHUTDOWN turret is left open, DC1850A defaults
to the ON state and turns on when an input supply is
connected. Pulling SHUTDOWN to 1.8V or higher causes
the LTC4366 to enter its shutdown state. The circuit
board layout limits the maximum SHUTDOWN voltage to
60VDC, while R2 limits the peak applied transient voltage
capability to 100V.
OPTIONAL COMPONENTS
Two optional components, CX and RX are made available
for those who wish to experiment with the frequency
response of the overvoltage regulation loop.
HOW TO OPERATE DC1850A
Operation of DC1850A is straightforward: connect an
input supply of 18V to 41V, and an output load of up to
1.5A. If the SHUTDOWN turret is open circuit the output
will power up. If the input voltage is increased above
≈ 43.1V, the output will limit and shut off after 2.8ms. DC
inputs of up to ±100V may be applied. The basic hookup
is shown in Figure 1.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com