Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DDZ4V3CSF Datasheet(PDF) 5 Page - Diodes Incorporated

Part # DDZ4V3CSF
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZ4V3CSF Datasheet(HTML) 5 Page - Diodes Incorporated

  DDZ4V3CSF Datasheet HTML 1Page - Diodes Incorporated DDZ4V3CSF Datasheet HTML 2Page - Diodes Incorporated DDZ4V3CSF Datasheet HTML 3Page - Diodes Incorporated DDZ4V3CSF Datasheet HTML 4Page - Diodes Incorporated DDZ4V3CSF Datasheet HTML 5Page - Diodes Incorporated DDZ4V3CSF Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
DDZ2V4ASF
– DDZ39DSF
Document number: DS31987 Rev. 20 - 2
5 of 6
www.diodes.com
May 2016
© Diodes Incorporated
DDZ2V4ASF
– DDZ39DSF
Package Outline Dimensions
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOD323F
Suggested Pad Layout
Please see http://www.diodes.com/package-outlines.html for the latest version.
SOD323F
Y
X
X1
G
Dimensions Value (in mm)
G
1.280
X
0.710
X1
2.700
Y
0.403
SOD323F
Dim
Min
Max
Typ
A
0.60
0.75

b
0.25
0.35
c
0.05
0.26
D
1.15
1.35
1.25
E
1.60
1.80
1.70
He
2.30
2.70
2.50
L1
0.30
0.50
0.40
L2
0.41
0.61
0.51
α1
7°
α2
3°
β1
7°
β2
3°
All Dimensions in mm
He
E
D
b (2x)
c
L1
2
1
A
2
1
b (2x)
L2 (2x)



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com