Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP2155GQ Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP2155GQ
Description  High Efficiency Single Inductor Buck-Boost DC-DC Converter Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP2155GQ Datasheet(HTML) 6 Page - Monolithic Power Systems

  MP2155GQ Datasheet HTML 1Page - Monolithic Power Systems MP2155GQ Datasheet HTML 2Page - Monolithic Power Systems MP2155GQ Datasheet HTML 3Page - Monolithic Power Systems MP2155GQ Datasheet HTML 4Page - Monolithic Power Systems MP2155GQ Datasheet HTML 5Page - Monolithic Power Systems MP2155GQ Datasheet HTML 6Page - Monolithic Power Systems MP2155GQ Datasheet HTML 7Page - Monolithic Power Systems MP2155GQ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
EV2155-Q-00A―HIGH EFFICIENCY SINGLE INDUCTOR BUCK-BOOST DC-DC CONVERTER EVB
EV2155-Q-00A Rev.1.0
www.MonolithicPower.com
6
1/26/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
EVB TEST RESULTS (continued)
Performance waveforms are tested on the evaluation board.
VIN = 3.3V, VOUT = 3.3V, L = 3.3µH, COUT=2x22uF, TA = 25°C, unless otherwise noted.
SCP Entry
VIN=2.4V, IOUT=0.5A, MODE=HIGH
SCP Recovery
VIN=2.4V, IOUT=0.5A, MODE=HIGH
VOUT
2V/div.
VSW1
2V/div.
VSW2
2V/div.
IL
1A/div.
VOUT
2V/div.
VSW1
2V/div.
VSW2
2V/div.
IL
1A/div.
ILOAD
200mA/div.
VOUT/AC
100mV/div.
ILOAD
500mA/div.
VOUT/AC
100mV/div.
ILOAD
500mA/div.
VOUT/AC
100mV/div.
SCP Entry
VIN=4.2V, IOUT=0.5A, MODE=HIGH
SCP Recovery
VIN=4.2V, IOUT=0.5A, MODE=HIGH
VOUT
2V/div.
VSW1
5V/div.
VSW2
2V/div.
IL
1A/div.
VOUT
2V/div.
VSW1
5V/div.
VSW2
2V/div.
IL
1A/div.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com