Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

A151CS12VDC Datasheet(PDF) 2 Page - CIT Relay & Switch

Part # A151CS12VDC
Description  Switching capacity up to 20A
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

A151CS12VDC Datasheet(HTML) 2 Page - CIT Relay & Switch

  A151CS12VDC Datasheet HTML 1Page - CIT Relay & Switch A151CS12VDC Datasheet HTML 2Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
A15
page 2
1. Series
A15
1C
S
12VDC
A15
2. Contact Arrangement
1C = SPDT
1U = SPST N.O.
3. Sealing Option
S = Sealed
C = Dust Cover
4. Coil Voltage
12VDC
Dimensions
Units = mm
Schematics & PC Layouts
Bottom Views
Ordering Information
15.58
[.61]
17.00 TYP
[.67]
10.30
[.41]
2.38
[.09]
1.37
[.05]
9.60
[.38]
(2X) 0.45
[.02]
(3X) 0.38
[.01]
0.98 TYP
[.04]
12.32
[.49]
14.02
[.55]
2.38
[.09]
10.30
[.41]
9.60
[.38]
Ø1.20 TYP
[.05]



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com