Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP6004GQ Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP6004GQ
Description  Primary-side Regulate Flyback Evaluation Board
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP6004GQ Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP6004GQ Datasheet HTML 1Page - Monolithic Power Systems MP6004GQ Datasheet HTML 2Page - Monolithic Power Systems MP6004GQ Datasheet HTML 3Page - Monolithic Power Systems MP6004GQ Datasheet HTML 4Page - Monolithic Power Systems MP6004GQ Datasheet HTML 5Page - Monolithic Power Systems MP6004GQ Datasheet HTML 6Page - Monolithic Power Systems MP6004GQ Datasheet HTML 7Page - Monolithic Power Systems MP6004GQ Datasheet HTML 8Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
EV6004-Q-00A—PRIMARY-SIDE REGULATE FLYBACK CONVERTER EVB
EV6004-Q-00A Rev. 1.01
www.MonolithicPower.com
2
11/5/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
PGND
PGND
PGND
PGND
2.2uF
49.9k
100k
200V
PGND
PGND
AGND
1uF
1nF/2000V
Np2
Np1
Ns
220uF
ILIM
MODE
FB1
SW
GND
AGND
VCC
EN
MP6004
PGND
56.2k
20k
SBR8U60P5
22uF
AGND
52.3k
PGND
AGND
20
1nF
22uF
VCC
VCC
47uF
10k
10nF
1k
20V
EV6004-Q-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer Part Number
1
C1A
2.2
μF
Ceramic Cap., 100V, X7R
1210
muRata
GRM32ER72A225KA35L
1
C1B
47
μF
47
μF 100V CD284 E-Cap
10X12.5mm
DIP
JiangHai
47uF/100V
2
C2A,C2B
22
μF
Ceramic Cap.,25V,X7R
1210
muRata
GRM32ER71E226KE15L
1
C2C
220
μF
220
μF 25V CD284 E-Cap
8X12.5mm
DIP
JiangHai
22uF/25V
1
C3
1
μF
Ceramic Cap,10V,X7R
0603
muRata
GRM188R71A105KA61D
1
C4
10nF
Ceramic Cap,100V,X7R
0805
muRata
GRM216R72A103KA01D
1
C5
1nF
Ceramic Cap,100V,X7R
0603
muRata
GRM188R72A102KA01D
1
C6
1nF
Ceramic Cap. 2000V X7R
1808
muRata
GR442QR73D102KW01L
1
R1
56.2k
Film Res,1%
0603
ROYAL
RC0603FR-0756K2L
1
R2
20k
Film Res,1%
0603
ROYAL
RC0603FR-0720KL
1
R3
52.3k
Film Res,1%
0603
ROYAL
RC0603FR-0752K3L
1
R4
10k
Film Res,5%
1206
ROYAL
RC1206JR-0710KL
1
R5
100k
Film Res,1%
0603
ROYAL
RC0603FR-07100KL
1
R6
49.9k
Film Res,1%
0603
ROYAL
RC0603FR-0749K9L
1
R7
20Ω
Film Res,5%
0805
ROYAL
RC0805JR-0720RL
1
R8
1k
Film Res,1%
0603
ROYAL
RC0603FR-071KL
1
D1
SBR8U60P5
8A 60V SUPER BARRIER
RECTIFIER
POWERDI5
Diodes
SBR8U60P5
1
D2
BAV21
Switching Diode 200V
200mW
SOD-123
Diodes
BAV21W-7-F
1
D3
1N4148
Switching Diode 75V 250mW
SOD-323
Diodes
1N4148WS-7
1
D4
BZT52C20
20V zener
SOD-123
Diodes
WBZT52C20
1
T1
47.4
μH
Np:Ns:Na=22:10:6,
Lp=47.4
μH, Core=EE13
EE13
EMEI
POE12W12V



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com