Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

74LCX02TTR Datasheet(PDF) 1 Page - STMicroelectronics

Part # 74LCX02TTR
Description  LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

74LCX02TTR Datasheet(HTML) 1 Page - STMicroelectronics

  74LCX02TTR Datasheet HTML 1Page - STMicroelectronics 74LCX02TTR Datasheet HTML 2Page - STMicroelectronics 74LCX02TTR Datasheet HTML 3Page - STMicroelectronics 74LCX02TTR Datasheet HTML 4Page - STMicroelectronics 74LCX02TTR Datasheet HTML 5Page - STMicroelectronics 74LCX02TTR Datasheet HTML 6Page - STMicroelectronics 74LCX02TTR Datasheet HTML 7Page - STMicroelectronics 74LCX02TTR Datasheet HTML 8Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
1/8
September 2001
s
5V TOLERANT INPUTS
s
HIGH SPEED :
tPD = 4.4ns (MAX.) at VCC = 3V
s
POWER DOWN PROTECTION ON INPUTS
AND OUTPUTS
s
SYMMETRICAL OUTPUT IMPEDANCE:
|IOH| = IOL = 24mA (MIN) at VCC = 3V
s
PCI BUS LEVELS GUARANTEED AT 24 mA
s
BALANCED PROPAGATION DELAYS:
tPLH ≅ tPHL
s
OPERATING VOLTAGE RANGE:
VCC(OPR) = 2.0V to 3.6V (1.5V Data
Retention)
s
PIN AND FUNCTION COMPATIBLE WITH
74 SERIES 02
s
LATCH-UP PERFORMANCE EXCEEDS
500mA (JESD 17)
s
ESD PERFORMANCE:
HBM > 2000V (MIL STD 883 method 3015);
MM > 200V
DESCRIPTION
The 74LCX02 is a low voltage CMOS QUAD
2-INPUT NOR GATE fabricated with sub-micron
silicon gate and double-layer metal wiring C2MOS
technology. It is ideal for low power and high
speed 3.3V applications; it can be interfaced to 5V
signal environment for inputs.
It has same speed performance at 3.3V than 5V
AC/ACT family, combined with a lower power
consumption.
All
inputs
and
outputs
are
equipped
with
protection circuits against static discharge, giving
them 2KV ESD immunity and transient excess
voltage.
74LCX02
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE
WITH 5V TOLERANT INPUTS
PIN CONNECTION AND IEC LOGIC SYMBOLS
ORDER CODES
PACKAGE
TUBE
T & R
SOP
74LCX02M
74LCX02MTR
TSSOP
74LCX02TTR
TSSOP
SOP


Similar Part No. - 74LCX02TTR

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
74LCX02TTR STMICROELECTRONICS-74LCX02TTR Datasheet
241Kb / 15P
Low voltage CMOS QUAD 2-Input NOR gate with 5V tolerant inputs
06-Jul-2006
More results

Similar Description - 74LCX02TTR

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TC74LCX02F TOSHIBA-TC74LCX02F Datasheet
253Kb / 8P
LOW VOLTAGE QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS AND OUTPUTS
logo
Fairchild Semiconductor
74LCX02 FAIRCHILD-74LCX02 Datasheet
91Kb / 8P
Low Voltage Quad 2-Input NOR Gate with 5V Tolerant Inputs
logo
STMicroelectronics
74LVX08 STMICROELECTRONICS-74LVX08 Datasheet
163Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
Jul-2001
74LVX02 STMICROELECTRONICS-74LVX02 Datasheet
162Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NOR GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX32 STMICROELECTRONICS-74LVX32 Datasheet
155Kb / 8P
LOW VOLTAGE CMOS QUAD 2-INPUT OR GATE WITH 5V TOLERANT INPUTS
Jul-2001
74LCX02 STMICROELECTRONICS-74LCX02 Datasheet
241Kb / 15P
Low voltage CMOS QUAD 2-Input NOR gate with 5V tolerant inputs
06-Jul-2006
74LCX08 STMICROELECTRONICS-74LCX08 Datasheet
245Kb / 15P
Low voltage CMOS QUAD 2-input AND gate with 5V tolerant inputs
10-Jul-2006
74LVX00 STMICROELECTRONICS-74LVX00 Datasheet
233Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT NAND GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
74LVX08 STMICROELECTRONICS-74LVX08_04 Datasheet
229Kb / 11P
LOW VOLTAGE CMOS QUAD 2-INPUT AND GATE WITH 5V TOLERANT INPUTS
27-Aug-2004
logo
ON Semiconductor
74LCX02 ONSEMI-74LCX02 Datasheet
414Kb / 11P
Low Voltage Quad 2-Input NOR Gate Tolerant Inputs
January 2008 Rev. 1.6.0
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com