Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AS2540Q Datasheet(PDF) 3 Page - ams AG

Part # AS2540Q
Description  Remote Controlled Single-Chip-Telephone
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS2540Q Datasheet(HTML) 3 Page - ams AG

  AS2540Q Datasheet HTML 1Page - ams AG AS2540Q Datasheet HTML 2Page - ams AG AS2540Q Datasheet HTML 3Page - ams AG AS2540Q Datasheet HTML 4Page - ams AG AS2540Q Datasheet HTML 5Page - ams AG AS2540Q Datasheet HTML 6Page - ams AG AS2540Q Datasheet HTML 7Page - ams AG AS2540Q Datasheet HTML 8Page - ams AG AS2540Q Datasheet HTML 9Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 18 page
background image
Data Sheet AS2540
austriamicrosystems
Revision 3.1
Page 3 of 18
Pin #
Symbol
Function
25
OSC
Oscillator Input
Input for ceramic resonator 3.58MHz.
Recommended type: Murata CSA 3.58MG312AM or compatible
12
AGND
Analogue Ground
Special ground for the internal amplifiers
26
RXD
Receive Data Input
Schmitt trigger input to serial interface
27
TXD
Transmit Data Output
Open drain output from serial interface
20
21
R1
R2
Keyboard
Rows
22
23
24
C1
C2
C3
Keyboard
Columns
10
ROT
Receive Output to Transformer
Output for driving a transformer with an ac impedance larger than 10k
Ω
1TIT
Transformer Input from Transformer
Single ended input for transformer
9ROH
Receive Output to Handset
Output for driving a dynamic earpiece with an impedance from 150
Ω to 300Ω
13
14
M2
M1
Microphone Inputs
Differential inputs for the microphone (electret)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com