Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THC63LVDR84C Datasheet(PDF) 7 Page - THine Electronics, Inc.

Part # THC63LVDR84C
Description  24bit Color LVDS Receiver
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  THINE [THine Electronics, Inc.]
Direct Link  http://www.thine.co.jp/index_e.html
Logo THINE - THine Electronics, Inc.

THC63LVDR84C Datasheet(HTML) 7 Page - THine Electronics, Inc.

Back Button THC63LVDR84C_16 Datasheet HTML 3Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 4Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 5Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 6Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 7Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 8Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 9Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 10Page - THine Electronics, Inc. THC63LVDR84C_16 Datasheet HTML 11Page - THine Electronics, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 15 page
background image
THC63LVDR84C_Rev.1.20_E
Copyright©2016 THine Electronics, Inc.
7
THine Electronics, Inc.
Security E
Switching Characteristics
Over recommended operating supply and temperature range unless otherwise specified
Symbol
Parameter
Min
Typ*
Max
Unit
tRCP
RCLK and CLKOUT Transition Time
8.92
T
125
ns
tRCH
LVCMOS CLKOUT High Time
-
T/2
-
ns
tRCL
LVCMOS CLKOUT Low Time
-
T/2
-
ns
tRCD
RCLK IN to CLKOUT Delay
-
(3/14+3)×T
-
ns
tRS
LVCMOS Data Setup to CLKOUT
0.35×T - 0.3
-
-
ns
tRH
LVCMOS Data Hold from CLKOUT
0.45×T - 1.6
-
-
ns
tTLH
LVCMOS Low to High Transition Time
-
0.7
1.0
ns
tTHL
LVCMOS High to Low Transition Time
-
0.7
1.0
ns
tSK
LVDS Receiver Skew Margin
PCLK=65MHz
-0.55
-
0.55
ns
PCLK=112MHz
-0.25
-
0.25
tRIP1
LVDS Input Data Position0
- tSK
0.0
+ tSK
ns
tRIP0
LVDS Input Data Position1
T/7- tSK
T/7
T/7+ tSK
ns
tRIP6
LVDS Input Data Position2
2T/7- tSK
2T/7
2T/7+ tSK
ns
tRIP5
LVDS Input Data Position3
3T/7- tSK
3T/7
3T/7+ tSK
ns
tRIP4
LVDS Input Data Position4
4T/7- tSK
4T/7
4T/7+ tSK
ns
tRIP3
LVDS Input Data Position5
5T/7- tSK
5T/7
5T/7+ tSK
ns
tRIP2
LVDS Input Data Position6
6T/7- tSK
6T/7
6T/7+ tSK
ns
tRPLL
Phase Lock Loop Set
-
-
10.0
ms
*Typ values are at the conditions of VCC33=3.3V and Ta = +25ºC
Table 8. LVCMOS & LVDS Receiver AC Specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com