Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DH22U1LABB220 Datasheet(PDF) 5 Page - CIT Relay & Switch

Part # DH22U1LABB220
Description  UL Approved Illuminated Pushbutton
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIT [CIT Relay & Switch]
Direct Link  http://www.citswitch.com
Logo CIT - CIT Relay & Switch

DH22U1LABB220 Datasheet(HTML) 5 Page - CIT Relay & Switch

  DH22U1LABB220 Datasheet HTML 1Page - CIT Relay & Switch DH22U1LABB220 Datasheet HTML 2Page - CIT Relay & Switch DH22U1LABB220 Datasheet HTML 3Page - CIT Relay & Switch DH22U1LABB220 Datasheet HTML 4Page - CIT Relay & Switch DH22U1LABB220 Datasheet HTML 5Page - CIT Relay & Switch  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
page 1
www.citrelay.com phone - 763.535.2339
fax - 763.535.2194
Specifications and availability subject to change without notice.
Dimensions shown in mm. Dimensions are shown for reference purposes only.
Aluminum Anti-Vandal Switch Housing
AVH
Features
Ordering Information
1. Series
AVH
F
4
22
AVH
2. Mounting Options:
F = With mounting flange
T = Without mounting flange
3. Number of Positions:
1 = 1 position
2 = 2 positions
3 = 3 positions
4 = 4 positions
5 = 5 positions
Contact Factory for custom sizes and number of positions
4. Hole Size:
22 = 22mm diameter
Dimensions
L + 77.5 [3.05]
L
L + 66.5 [2.62]
L+87.5 [3.44]
45.00
[1.77]
49.90
[1.96]
2X 5.60
[.22]
ØX
[.49]
KNOCKOUT
Ø12.35
L
L + 66.5 [2.62]
45.00
[1.77]
45.00
[1.77]
[.49]
KNOCKOUT
ØX
Ø12.35
FT
◆ Easy installation
◆ Multiple size options
◆ Aluminum housing



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com