Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MP3415GG Datasheet(PDF) 2 Page - Monolithic Power Systems

Part # MP3415GG
Description  3.6A, 1MHz Synchronous Step-up Converter with Output Disconnect Evaluation Board
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP3415GG Datasheet(HTML) 2 Page - Monolithic Power Systems

  MP3415GG Datasheet HTML 1Page - Monolithic Power Systems MP3415GG Datasheet HTML 2Page - Monolithic Power Systems MP3415GG Datasheet HTML 3Page - Monolithic Power Systems MP3415GG Datasheet HTML 4Page - Monolithic Power Systems MP3415GG Datasheet HTML 5Page - Monolithic Power Systems MP3415GG Datasheet HTML 6Page - Monolithic Power Systems MP3415GG Datasheet HTML 7Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
EV3415-G-00A–3.6A. 1MHz SETP-UP CONVERTER WITH OUTPUT DISCONNECT EV BOARD
EV3415-G-00A Rev.1.0
www.MonolithicPower.com
2
12/11/2015
MPS Proprietary Information. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
EVALUATION BOARD SCHEMATIC
T-EV3415-G-00A BILL OF MATERIALS
Qty
Ref
Value
Description
Package
Manufacturer
Part Number
1
C1
10uF
Ceramic Cap.,10V,X7R
1210
muRata
GRM32ER71A106KA01L
1
C2A
22uF
Ceramic Cap.,10V,X7R
1210
muRata
GRM32ER71A226KE20L
1
C2B
1uF
Ceramic Cap.,10V,X7R
0603
muRata
GRM188R71A105KA61D
1
C3
1nF
Ceramic Cap.,50V,X7R
0603
muRata
GRM188R71H102KA01D
1
R1
1M
Film Res.,1%
0603
ROYAL
RC0603FR-071ML
1
R2
137k
Film Res.,1%
0603
ROYAL
RC0603FR-07137KL
1
R3
100k
Film Res.,5%
0603
ROYAL
RC0603JR-07100KL
1
R4
1Ω
Film Res.,1%
0603
ROYAL
RC0603FR-071RL
1
L1
1.5uH
IR=11A,Isat=14A,
DCR=6.6mΩ
SMD
Wurth
744 311 150
1
U1
3.6A, 1MHz
Synchronous Step-up
Converter
QFN
2mm*2mm
MPS
MP3415GG



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com