Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DDZX9682 Datasheet(PDF) 2 Page - Diodes Incorporated

Part # DDZX9682
Description  SURFACE MOUNT PRECISION ZENER DIODE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DDZX9682 Datasheet(HTML) 2 Page - Diodes Incorporated

  DDZX9682 Datasheet HTML 1Page - Diodes Incorporated DDZX9682 Datasheet HTML 2Page - Diodes Incorporated DDZX9682 Datasheet HTML 3Page - Diodes Incorporated DDZX9682 Datasheet HTML 4Page - Diodes Incorporated DDZX9682 Datasheet HTML 5Page - Diodes Incorporated DDZX9682 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
DS30411 Rev. 1 - 2
2 of 6
DDZX9682 - DDZX9717
www.diodes.com
Electrical Characteristics
Table 1
@ TA = 25
°C unless otherwise specified
Notes:
4. Nominal Zener voltage is measured with the device junction in thermal equilibrium at TT = 30
°C ±1°C.
5. Short duration pulse test used to minimize self-heating effect.
Type
Number
Type
Code
Zener Voltage Range (Note 4)
Maximum Reverse
Leakage Current (Note 5)
VZ @ IZT
IZT
IR @ VR
Nom (V)
Min (V)
Max (V)
mA
mA
V
DDZX9682
HA
2.7
2.565
2.835
50
1
1
DDZX9683
HB
3.0
2.85
3.15
50
0.8
1
DDZX9684
HC
3.3
3.13
3.47
50
7.5
1.5
DDZX9685
HD
3.6
3.42
3.78
50
7.5
2
DDZX9686
HE
3.9
3.70
4.10
50
5
2
DDZX9687
HF
4.3
4.09
4.52
50
4
2
DDZX9688
HG
4.7
4.47
4.94
50
5
3
DDZX9689
HH
5.1
4.85
5.36
50
5
3
DDZX9690
HJ
5.6
5.32
5.88
50
2
4
DDZX9691
HK
6.2
5.89
6.51
50
1
5
DDZX9692
HL
6.8
6.46
7.14
50
0.1
5.1
DDZX9693
HM
7.5
7.13
7.88
50
0.1
5.7
DDZX9694
HN
8.2
7.79
8.61
50
0.1
6.2
DDZX9696
HP
9.1
8.65
9.56
50
0.1
6.9
DDZX9697
HQ
10
9.50
10.50
50
0.1
7.6
DDZX9698
HR
11
10.45
11.55
50
0.05
8.4
DDZX9699
HS
12
11.40
12.60
50
0.05
9.1
DDZX9700
HT
13
12.35
13.65
50
0.05
9.8
DDZX9701
HU
14
13.30
14.70
50
0.05
10.6
DDZX9702
HV
15
14.25
15.75
50
0.05
11.4
DDZX9703
HW
16
15.20
16.80
50
0.05
12.1
DDZX9705
HY
18
17.10
18.90
50
0.05
13.6
DDZX9707
MD
20
19.00
21.00
50
0.05
15.2
DDZX9708
ME
22
20.90
23.10
50
0.05
16.7
DDZX9709
MF
24
22.80
25.20
50
0.05
18.2
DDZX9711
MH
27
25.65
28.35
50
0.05
20.4
DDZX9712
MJ
28
26.60
29.40
50
0.05
21.2
DDZX9713
MK
30
28.50
31.50
50
0.05
22.8
DDZX9714
ML
33
31.35
34.65
50
0.05
25.0
DDZX9715
MM
36
34.20
37.80
50
0.05
27.3
DDZX9716
MN
39
37.05
40.95
50
0.05
29.6
DDZX9717
MO
43
40.85
45.15
50
0.05
32.6



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com