Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

FA11151 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # FA11151
Description  ~13째 x 45째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째. Assembly with white holder.
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

FA11151 Datasheet(HTML) 1 Page - Ledil, Inc.

  FA11151 Datasheet HTML 1Page - Ledil, Inc. FA11151 Datasheet HTML 2Page - Ledil, Inc. FA11151 Datasheet HTML 3Page - Ledil, Inc. FA11151 Datasheet HTML 4Page - Ledil, Inc. FA11151 Datasheet HTML 5Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PRODUCT
DATASHEET
FA11151_NIS83-MX-O-90
NIS83-MX-O-90
~13° x 45° oval beam optimized for Nichia
NS6x83. Variant with beam direction rotated 90°.
Assembly with white holder.
TECHNICAL SPECIFICATIONS:
Dimensions
21.6 + 21.6 mm
Height
13.5 mm
Fastening
tape
Colour
white
Box size
470 x 235 x 270 mm
Box weight
11.5 kg
Quantity in Box
2304 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
ROSE-A-A-O
Lens
PC
clear
ROSE-HLD-E-WHT
Holder
PC
white
ROSE-TAPE
Tape
PU tape
Last update: 15/05/2018
Subject to change without prior notice
1/5
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.


Similar Part No. - FA11151

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
FA11153 CREE-FA11153 Datasheet
99Kb / 2P
Rose series
logo
Ledil, Inc.
FA11153 LEDIL-FA11153 Datasheet
5Mb / 4P
~13째 x 45째 oval beam optimized for CREE XP-E. Variant with beam direction rotated 90째. Assembly with black holder.
FA11153 LEDIL-FA11153_18 Datasheet
5Mb / 4P
~13째 x 45째 oval beam optimized for CREE XP-E. Variant with beam direction rotated 90째. Assembly with black holder.
FA11155 LEDIL-FA11155 Datasheet
6Mb / 4P
~13째 x 45째 oval beam optimized for CREE MC-E. Variant with beam direction rotated 90째. Assembly with black holder.
More results

Similar Description - FA11151

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CA10611 LEDIL-CA10611 Datasheet
3Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with white holder.
CA12125 LEDIL-CA12125 Datasheet
4Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with black holder.
CA13622 LEDIL-CA13622 Datasheet
2Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. G2 assembly with light, white holder.
CA13624 LEDIL-CA13624 Datasheet
4Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째.
FA10340 LEDIL-FA10340 Datasheet
1Mb / 4P
~45째 x 15째 oval beam optimized for Nichia NS6x83. Assembly with 13.5 mm high white holder.
FA11145 LEDIL-FA11145_18 Datasheet
3Mb / 4P
~13째 x 45째 oval beam optimized for Osram Golden Dragon . Variant with beam direction rotated 90째. Assembly with white holder.
FA11147 LEDIL-FA11147 Datasheet
2Mb / 4P
~13째 x 45째 oval beam optimized for CREE XR-E. Variant with beam direction rotated 90째. Assembly with white holder.
FA11153 LEDIL-FA11153_18 Datasheet
5Mb / 4P
~13째 x 45째 oval beam optimized for CREE XP-E. Variant with beam direction rotated 90째. Assembly with black holder.
FA11155 LEDIL-FA11155 Datasheet
6Mb / 4P
~13째 x 45째 oval beam optimized for CREE MC-E. Variant with beam direction rotated 90째. Assembly with black holder.
FCA13625 LEDIL-FCA13625 Datasheet
2Mb / 5P
~13째 x 44째 oval beam optimized for Nichia NS6x83. Variant with beam direction rotated 90째.
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com