Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LD-CP7P Datasheet(PDF) 7 Page - OSRAM GmbH

Part # LD-CP7P
Description  SMT ceramic package with silicon resin with lens
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LD-CP7P Datasheet(HTML) 7 Page - OSRAM GmbH

Back Button LD-CP7P Datasheet HTML 3Page - OSRAM GmbH LD-CP7P Datasheet HTML 4Page - OSRAM GmbH LD-CP7P Datasheet HTML 5Page - OSRAM GmbH LD-CP7P Datasheet HTML 6Page - OSRAM GmbH LD-CP7P Datasheet HTML 7Page - OSRAM GmbH LD-CP7P Datasheet HTML 8Page - OSRAM GmbH LD-CP7P Datasheet HTML 9Page - OSRAM GmbH LD-CP7P Datasheet HTML 10Page - OSRAM GmbH LD-CP7P Datasheet HTML 11Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 17 page
background image
Abkündigung nach OS-PD-2011-016
Obsolete acc. to OS-PD-2011-016
2011-09-29
7
Durchlassstrom
2) Seite 17
Forward Current
2) page 17
I
F = f (VF); TS = 25 °C; deep blue
Relative Strahlungsleistung
2) Seite 17
Relative Radiant Power
2) page 17
Φ
E/ΦE(350 mA) = f (IF); TS = 25 °C, deep blue
Dominante Wellenlänge
2) Seite 17
Dominant Wavelength
2) page 17
Δλ
dom = f (IF); TS = 25 °C, deep blue
Relative Vorwärtsspannung
2) Seite 17
Relative Forward Voltage
2) page 17
ΔV
F = VF - VF(25 °C) = f (Tj); IF = 350 mA; deep blue
OHL04604
F
I
V
mA
2.5
F
V
100
2.7
2.9
3.1
3.3
3.5
3.7
200
300
400
500
600
700
800
1000
OHL04433
I
F
Φ (350 mA)
E
E
Φ
0
0
mA
200
400
600
1000
0.5
1.0
1.5
2.0
2.5
OHL04436
I
F
0
-6
mA
Δλ
dom
nm
200
400
600
1000
-4
-2
0
2
4
6
-40
-0.3
˚C
Tj
OHL04428
V
F
V
Δ
-20
0
20 40 60 80
120
-0.2
-0.1
0
0.1
0.2
0.3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com