Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE-BA-Q6WM Datasheet(PDF) 6 Page - OSRAM GmbH

Part # LE-BA-Q6WM
Description  compact lightsource in SMT
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-BA-Q6WM Datasheet(HTML) 6 Page - OSRAM GmbH

Back Button LE-BA-Q6WM Datasheet HTML 2Page - OSRAM GmbH LE-BA-Q6WM Datasheet HTML 3Page - OSRAM GmbH LE-BA-Q6WM Datasheet HTML 4Page - OSRAM GmbH LE-BA-Q6WM Datasheet HTML 5Page - OSRAM GmbH LE-BA-Q6WM Datasheet HTML 6Page - OSRAM GmbH LE-BA-Q6WM Datasheet HTML 7Page - OSRAM GmbH LE-BA-Q6WM Datasheet HTML 8Page - OSRAM GmbH LE-BA-Q6WM Datasheet HTML 9Page - OSRAM GmbH LE-BA-Q6WM Datasheet HTML 10Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 18 page
background image
2015-03-03
6
Version 3.2
LE BA Q6WM
Relative spektrale Emission pro Chip
2) Seite 18
Relative Spectral Emission per Chip
2) page 18
V(
λ) = spektrale Augenempfindlichkeit / Standard eye response curve
Φ
rel = f (λ); TJ = 25°C; IF = 350 mA
0
400
550
450
500
600
650
nm
λ
700
OHL14178
Φ
20
40
60
80
%
100
rel
λ
V
blue
amber



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com