Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LE-B-Q9WN Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LE-B-Q9WN
Description  compact lightsource in SMT technology with glass window on top
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LE-B-Q9WN Datasheet(HTML) 5 Page - OSRAM GmbH

  LE-B-Q9WN Datasheet HTML 1Page - OSRAM GmbH LE-B-Q9WN Datasheet HTML 2Page - OSRAM GmbH LE-B-Q9WN Datasheet HTML 3Page - OSRAM GmbH LE-B-Q9WN Datasheet HTML 4Page - OSRAM GmbH LE-B-Q9WN Datasheet HTML 5Page - OSRAM GmbH LE-B-Q9WN Datasheet HTML 6Page - OSRAM GmbH LE-B-Q9WN Datasheet HTML 7Page - OSRAM GmbH LE-B-Q9WN Datasheet HTML 8Page - OSRAM GmbH LE-B-Q9WN Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
Discontinued
LE B Q9WN
2017-09-15
5
Brightness Groups
Helligkeitsgruppen
Dominant Wavelength Groups
2) page 21
Dominant Wellenlängengruppen 2) Seite 21
Group
Radiant Power 1) page 21
Radiant Power 1) page 21
Gruppe
Strahlungsleistung 1) Seite 21
Strahlungsleistung 1) Seite 21
(min.) Φ
E [mW]
(max.) Φ
E [mW]
4U
630
710
1V
710
800
2V
800
900
3V
900
1000
4V
1000
1120
Group
blue
Gruppe
(min.) λ
dom
[nm]
(max.) λ
dom
[nm]
2
454
458
3
458
462
4
462
466
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com