Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LH-CPDP Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LH-CPDP
Description  SMD ceramic package with silicon resin with lens
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LH-CPDP Datasheet(HTML) 5 Page - OSRAM GmbH

  LH-CPDP Datasheet HTML 1Page - OSRAM GmbH LH-CPDP Datasheet HTML 2Page - OSRAM GmbH LH-CPDP Datasheet HTML 3Page - OSRAM GmbH LH-CPDP Datasheet HTML 4Page - OSRAM GmbH LH-CPDP Datasheet HTML 5Page - OSRAM GmbH LH-CPDP Datasheet HTML 6Page - OSRAM GmbH LH-CPDP Datasheet HTML 7Page - OSRAM GmbH LH-CPDP Datasheet HTML 8Page - OSRAM GmbH LH-CPDP Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
Released
LH CPDP
2011-03-21
5
Helligkeits-Gruppierungsschema
Brightness Groups
Helligkeitsgruppe
Brightness Group
Strahlungsleistung
1) Seite 17
Radiant Power
1) page 17
Φ
E (mW)
1T
2T
3T
280 …
315
315 …
355
355 …
400
Anm.:
Die
Standardlieferform
von
Serientypen
beinhaltet
eine
Familiengruppe.
Diese
besteht
aus
3 Helligkeitsgruppen.
Einzelne Helligkeitsgruppen sind nicht bestellbar.
Note:
The standard shipping format for serial types includes a family group of 3 individual brightness groups.
Individual brightness groups cannot be ordered.
Gruppenbezeichnung auf Etikett
Group Name on Label
Beispiel: 1T
Example: 1T
Helligkeitsgruppe
Brightness Group
1T
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppen für jede Selektion enthalten.
Note:
No packing unit / tape ever contains more than one group for each selection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com