Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GMS81508BK Datasheet(PDF) 53 Page - Hynix Semiconductor

Part # GMS81508BK
Description  8-BIT SINGLE-CHIP MICROCONTROLLERS
PDF  110 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HYNIX [Hynix Semiconductor]
Direct Link  http://www.skhynix.com/kor/main.do
Logo HYNIX - Hynix Semiconductor

GMS81508BK Datasheet(HTML) 53 Page - Hynix Semiconductor

Back Button GMS81508BK Datasheet HTML 49Page - Hynix Semiconductor GMS81508BK Datasheet HTML 50Page - Hynix Semiconductor GMS81508BK Datasheet HTML 51Page - Hynix Semiconductor GMS81508BK Datasheet HTML 52Page - Hynix Semiconductor GMS81508BK Datasheet HTML 53Page - Hynix Semiconductor GMS81508BK Datasheet HTML 54Page - Hynix Semiconductor GMS81508BK Datasheet HTML 55Page - Hynix Semiconductor GMS81508BK Datasheet HTML 56Page - Hynix Semiconductor GMS81508BK Datasheet HTML 57Page - Hynix Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 110 page
background image
GMS81508B/16B/24B, GMS82512/16/24
50
MAY. 2001 Ver 2.0
Figure 12-2 A/D Converter Control Register
BTCL
76543210
-
-
ADST
A/D status bit
Analog input channel select
INITIAL VALUE: --00 0001B
ADDRESS: 0E8H
ADCM
ADSF
A/D converter Enable bit
0: A/D converter module turn off and
current is not flow.
1: Enable A/D converter
R/W
R/W
R/W
R/W
R/W
R
*000: Channel 0 (AN0)
*001: Channel 1 (AN1)
*010: Channel 2 (AN2)
*011: Channel 3 (AN3)
100: Channel 4 (AN4)
101: Channel 5 (AN5)
110: Channel 6 (AN6)
111: Channel 7 (AN7)
0: A/D conversion is in progress
1: A/D conversion is completed
A/D start bit
Setting this bit starts an A/D conversion.
After one cycle, bit is cleared to “0” by hardware.
ADS1 ADS0
ADEN ADS2
INITIAL VALUE: Undefined
ADDRESS: 0E9H
ADR
A/D Conversion Data
BTCL
76543210
R
R
RR
RR
R
R
* These are NOT served on the GMS825xx.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com