Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LR-W5SM Datasheet(PDF) 12 Page - OSRAM GmbH

Part # LR-W5SM
Description  white SMD package, colorless clear silicone resin
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LR-W5SM Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button LR-W5SM Datasheet HTML 8Page - OSRAM GmbH LR-W5SM Datasheet HTML 9Page - OSRAM GmbH LR-W5SM Datasheet HTML 10Page - OSRAM GmbH LR-W5SM Datasheet HTML 11Page - OSRAM GmbH LR-W5SM Datasheet HTML 12Page - OSRAM GmbH LR-W5SM Datasheet HTML 13Page - OSRAM GmbH LR-W5SM Datasheet HTML 14Page - OSRAM GmbH LR-W5SM Datasheet HTML 15Page - OSRAM GmbH LR-W5SM Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
2014-09-05
12
Version 1.1
LR W5SM
Korrosionsfestigkeit:
Test Kondition: 40°C / 90 % rh / 15 ppm H2S /
336 h
= Besser als IEC 60068-2-43 (H2S) [25°C / 75 %
rh / 10 ppm H2S / 21 Tage]
= Bezogen auf das Gas (H2S) besser als EN
60068-2-60 (method 4) [25°C / 75 % rh / 200ppb
SO2, 200ppb NO2,10ppb Cl2 / 21 Tage]
Recommended Solder Pad 6) page 20
Reflow soldering
Empfohlenes Lötpaddesign 6) Seite 20
Reflow-Löten
Note:
For superior solder joint connectivity results we
recommend soldering under standard nitrogen
atmosphere. Package not suitable for ultra
sonic cleaning.
Anm.:
Um eine verbesserte Lötstellenkontaktierung zu
erreichen, empfehlen wir, unter Standard-
Stickstoffatmosphäre zu löten. Das Gehäuse ist
für Ultraschallreinigung nicht geeignet.
Solder resist
Bare Copper
Freies Kupfer
Lötpasten Schablone
Solder paste stencil
Lötstopplack
OHPY3637
Kupfer
Copper
1.6 (0.063)
11.6 (0.457)
12.0 (0.472)
1.6 (0.063)
11.6 (0.457)
3 Lötstellen
3 solder points
Thermal enhanced PCB
Thermisch optimiertes PCB
ø4.0 (0.157)
Heatsink attach
ø4.0 (0.157)
ø2.5 (0.098)
1 (0.039)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com