Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LTM4615 Datasheet(PDF) 25 Page - Linear Technology

Part # LTM4615
Description  20VIN, Dual 4A or Single 8A DC/DC 關Module Regulator
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTM4615 Datasheet(HTML) 25 Page - Linear Technology

Back Button LTM4615 Datasheet HTML 21Page - Linear Technology LTM4615 Datasheet HTML 22Page - Linear Technology LTM4615 Datasheet HTML 23Page - Linear Technology LTM4615 Datasheet HTML 24Page - Linear Technology LTM4615 Datasheet HTML 25Page - Linear Technology LTM4615 Datasheet HTML 26Page - Linear Technology LTM4615 Datasheet HTML 27Page - Linear Technology LTM4615 Datasheet HTML 28Page - Linear Technology LTM4615 Datasheet HTML 29Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 32 page
background image
LTM4642
25
4642fb
For more information www.linear.com/LTM4642
Typical applicaTions
Figure 26. 4.5V to 20V Input, 650kHz, 0.9V and 1.2V Outputs at 4A Each
Figure 27. 5V Input, 800kHz, 2.5V and 1.8V Outputs at 4A Each
+
VIN1 VIN2 CPWR
SGND
GND
LTM4642
4.7µF
COUT1
47µF
CFF
470pF
CFF
470pF
VOUT1
VOUT2
COUT2
100µF
CIN1
22µF
CIN2
22µF
0.1µF
0.1µF
VIN
4.5V TO 20V
2.2
DRVCC INTVCC
RUN1
131k
10k
RFB1
121k
RFB2
90.9k
RFREQ
61.9k
4642 F26
10k
VRNG1
RUN2
PGOOD1
PGOOD2
TRACK/SS1
TRACK/SS2
MODE/PLLIN
INTVCC
PINS NOT USED: COMP1, COMP2, PHASEMD, CLKOUT, EXTVCC, SW1, SW2
VOUT1
VOUT1 0.9V AT 4A LOAD
VOUT2
VOUTS1
FREQ
VOUTS–
VFB2
VFB1
VOUT2 1V AT 4A LOAD
PGOOD1
PGOOD2
INTVCC
+
COUT4
100µF
COUT3
47µF
VIN1 VIN2 CPWR
SGND
GND
LTM4642
4.7µF
COUT1
47µF
470pF
470pF
VOUT1
VOUT2
CIN1
22µF
CIN2
22µF
0.1µF
0.1µF
VIN
5V
2.2
DRVCC INTVCC
RUN1
131k
10k
RFB1
30.2k
RFB2
19.1k
RFREQ
49.9k
4642 F27
10k
VRNG1
RUN2
PGOOD1
PGOOD2
TRACK/SS1
TRACK/SS2
MODE/PLLIN
INTVCC
VOUT1
VOUT1 1.8V AT 4A LOAD
VOUT2
VOUTS1
FREQ
VOUTS–
VFB2
VFB1
VOUT2 2.5V AT 4A LOAD
PGOOD1
PGOOD2
INTVCC
COUT3
120µF
OSCON SVP
COUT2
47µF
+
PINS NOT USED: COMP1, COMP2, PHASEMD, CLKOUT, EXTVCC, SW1, SW2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com